Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/P Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC16F676-E/P
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 108Page - Microchip Technology PIC16F676-E/P Datasheet HTML 109Page - Microchip Technology PIC16F676-E/P Datasheet HTML 110Page - Microchip Technology PIC16F676-E/P Datasheet HTML 111Page - Microchip Technology PIC16F676-E/P Datasheet HTML 112Page - Microchip Technology PIC16F676-E/P Datasheet HTML 113Page - Microchip Technology PIC16F676-E/P Datasheet HTML 114Page - Microchip Technology PIC16F676-E/P Datasheet HTML 115Page - Microchip Technology PIC16F676-E/P Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 130 page
background image
PIC16F630/676
DS40039E-page 110
© 2007 Microchip Technology Inc.
FIGURE 13-11:
TYPICAL IPD WITH A/D ENABLED vs. VDD OVER TEMP (+125°C)
FIGURE 13-12:
TYPICAL IPD WITH T1 OSC ENABLED vs. VDD OVER TEMP (-40°C TO +125°C),
32 KHZ, C1 AND C2=50 pF)
Typical A/D IPD
0.0E+00
5.0E-07
1.0E-06
1.5E-06
2.0E-06
2.5E-06
3.0E-06
3.5E-06
22.5
33.5
44.5
55.5
VDD (V)
125
Typical T1 IPD
0.00E+00
2.00E-06
4.00E-06
6.00E-06
8.00E-06
1.00E-05
1.20E-05
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
-40
0
25
85
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com