Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2458-E/SP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F2458-E/SP
Description  28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2458-E/SP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F2458-E/SP Datasheet HTML 35Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 36Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 37Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 38Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 39Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 40Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 41Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 42Page - Microchip Technology PIC18F2458-E/SP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39887B-page 37
PIC18F2458/2553/4458/4553
APPENDIX A: REVISION HISTORY
Revision A (May 2007)
Original data sheet for the PIC18F2458/2553/4458/
4553 devices.
Revision B (June 2007)
Changes to Figure 4-2: PIC18LF2458/2553/4458/4553
Voltage-Frequency Graph (Industrial).
APPENDIX B: DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features
PIC18F2458
PIC18F2553
PIC18F4458
PIC18F4553
Program Memory (Bytes)
24576
32768
24576
32768
Program Memory (Instructions)
12288
16384
12288
16384
Interrupt Sources
19
19
20
20
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, D, E Ports A, B, C, D, E
Capture/Compare/PWM Modules
2
2
1
1
Enhanced Capture/Compare/
PWM Modules
00
1
1
Parallel Communications (SPP)
No
No
Yes
Yes
12-Bit Analog-to-Digital Module
10 Input Channels 10 Input Channels 13 Input Channels
13 Input Channels
Packages
28-Pin SPDIP
28-Pin SOIC
28-Pin SPDIP
28-Pin SOIC
40-Pin PDIP
44-Pin TQFP
44-Pin QFN
40-Pin PDIP
44-Pin TQFP
44-Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com