Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F683-E/PQTP Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC12F683-E/PQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/PQTP Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC12F683-E/PQTP Datasheet HTML 33Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 34Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 35Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 36Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 37Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 38Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 39Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 40Page - Microchip Technology PIC12F683-E/PQTP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 35
PIC12F683
4.2.4
ULTRA LOW-POWER WAKE-UP
The Ultra Low-Power Wake-up (ULPWU) on GP0
allows a slow falling voltage to generate an inter-
rupt-on-change on GP0 without excess current con-
sumption. The mode is selected by setting the
ULPWUE bit of the PCON register. This enables a
small current sink which can be used to discharge a
capacitor on GP0.
To use this feature, the GP0 pin is configured to output
‘1’ to charge the capacitor, interrupt-on-change for GP0
is enabled and GP0 is configured as an input. The ULP-
WUE bit is set to begin the discharge and a SLEEP
instruction is performed. When the voltage on GP0
drops below VIL, an interrupt will be generated which will
cause the device to wake-up. Depending on the state of
the GIE bit of the INTCON register, the device will either
jump to the interrupt vector (0004h) or execute the next
instruction when the interrupt event occurs. See
Section 4.2.3
“Interrupt-on-Change”
and
Section 12.4.3 “GPIO Interrupt” for more information.
This feature provides a low-power technique for period-
ically waking up the device from Sleep. The time-out is
dependent on the discharge time of the RC circuit
on GP0. See Example 4-2 for initializing the Ultra
Low-Power Wake-up module.
The series resistor provides overcurrent protection for
the GP0 pin and can allow for software calibration of the
time-out (see Figure 4-1). A timer can be used to mea-
sure the charge time and discharge time of the capaci-
tor. The charge time can then be adjusted to provide the
desired interrupt delay. This technique will compensate
for the affects of temperature, voltage and component
accuracy. The Ultra Low-Power Wake-up peripheral
can also be configured as a simple Programmable
Low-Voltage Detect or temperature sensor.
EXAMPLE 4-2:
ULTRA LOW-POWER
WAKE-UP INITIALIZATION
Note:
For more information, refer to the Applica-
tion Note AN879, “Using the Microchip
Ultra
Low-Power
Wake-up
Module”
(DS00879).
BANKSEL
CMCON0
;
MOVLW
H’7’
;Turn off
MOVWF
CMCON0
;comparators
BANKSEL
ANSEL
;
BCF
ANSEL,0
;RA0 to digital I/O
BCF
TRISA,0
;Output high to
BANKSEL
PORTA
;
BSF
PORTA,0
;charge capacitor
CALL
CapDelay
;
BANKSEL
PCON
;
BSF
PCON,ULPWUE
;Enable ULP Wake-up
BSF
IOCA,0
;Select RA0 IOC
BSF
TRISA,0
;RA0 to input
MOVLW
B’10001000’
;Enable interrupt
MOVWF
INTCON
; and clear flag
SLEEP
;Wait for IOC
NOP
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com