Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/MDQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC12F635-E/MDQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MDQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC12F635-E/MDQTP Datasheet HTML 19Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 20Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 21Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 22Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 23Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 24Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 25Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 26Page - Microchip Technology PIC12F635-E/MDQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 21
PIC12F635/PIC16F636/639
TABLE 2-1:
PIC12F635 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR/
WUR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory
(not a physical register)
xxxx xxxx
32,137
01h
TMR0
Timer0 Module Register
xxxx xxxx
61,137
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
32,137
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
26,137
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
32,137
05h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xx00
47,137
06h
—
Unimplemented
—
—
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
32,137
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF(2)
0000 000x
28,137
0Ch
PIR1
EEIF
LVDIF
CRIF
—C1IF
OSFIF
—TMR1IF
000- 00-0
30,137
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
64,137
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
64,137
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
68,137
11h
—
Unimplemented
—
—
12h
—
Unimplemented
—
—
13h
—
Unimplemented
—
—
14h
—
Unimplemented
—
—
15h
—
Unimplemented
—
—
16h
—
Unimplemented
—
—
17h
—
Unimplemented
—
—
18h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
---0 1000
144,137
19h
CMCON0
—COUT
—
CINV
CIS
CM2
CM1
CM0
-0-0 0000
79,137
1Ah
CMCON1
—
—
—
—
—
—
T1GSS
CMSYNC
---- --10
82,137
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
—
Unimplemented
—
—
1Fh
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset do not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the mis-
match exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com