Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F913_07 Datasheet HTML 17Page - Microchip Technology PIC16F913_07 Datasheet HTML 18Page - Microchip Technology PIC16F913_07 Datasheet HTML 19Page - Microchip Technology PIC16F913_07 Datasheet HTML 20Page - Microchip Technology PIC16F913_07 Datasheet HTML 21Page - Microchip Technology PIC16F913_07 Datasheet HTML 22Page - Microchip Technology PIC16F913_07 Datasheet HTML 23Page - Microchip Technology PIC16F913_07 Datasheet HTML 24Page - Microchip Technology PIC16F913_07 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 19
PIC16F913/914/916/917/946
RB1/SEG1
RB1
TTL
CMOS General purpose I/O. Individually enabled pull-up.
SEG1
—
AN
LCD analog output.
RB2/SEG2
RB2
TTL
CMOS General purpose I/O. Individually enabled pull-up.
SEG2
—
AN
LCD analog output.
RB3/SEG3
RB3
TTL
CMOS General purpose I/O. Individually enabled pull-up.
SEG3
—
AN
LCD analog output.
RB4/COM0
RB4
TTL
CMOS General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
COM0
—
AN
LCD analog output.
RB5/COM1
RB5
TTL
CMOS General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
COM1
—
AN
LCD analog output.
RB6/ICSPCLK/ICDCK/SEG14
RB6
TTL
CMOS General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
ICSPCLK
ST
—
ICSP™ clock.
ICDCK
ST
—
ICD clock.
SEG14
—
AN
LCD analog output.
RB7/ICSPDAT/ICDDAT/SEG13
RB7
TTL
CMOS General purpose I/O. Individually controlled inter-
rupt-on-change. Individually enabled pull-up.
ICSPDAT
ST
CMOS ICSP Data I/O.
ICDDAT
ST
CMOS ICD Data I/O.
SEG13
—
AN
LCD analog output.
RC0/VLCD1
RC0
ST
CMOS General purpose I/O.
VLCD1
AN
—
LCD analog input.
RC1/VLCD2
RC1
ST
CMOS General purpose I/O.
VLCD2
AN
—
LCD analog input.
RC2/VLCD3
RC2
ST
CMOS General purpose I/O.
VLCD3
AN
—
LCD analog input.
RC3/SEG6
RC3
ST
CMOS General purpose I/O.
SEG6
—
AN
LCD analog output.
RC4/T1G/SDO/SEG11
RC4
ST
CMOS General purpose I/O.
T1G
ST
—
Timer1 gate input.
SDO
—
CMOS Serial data output.
SEG11
—
AN
LCD analog output.
RC5/T1CKI/CCP1/SEG10
RC5
ST
CMOS General purpose I/O.
T1CKI
ST
—
Timer1 clock input.
CCP1
ST
CMOS Capture 1 input/Compare 1 output/PWM 1 output.
SEG10
—
AN
LCD analog output.
TABLE 1-1:
PIC16F91X/946 PINOUT DESCRIPTIONS (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels P = Power
HV = High Voltage
XTAL = Crystal
Note 1:
COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917 and PIC16F946.
2:
Pins available on PIC16F914/917 and PIC16F946 only.
3:
Pins available on PIC16F946 only.
4:
I2C Schmitt trigger inputs have special input levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com