Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F628A-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F628A-E/P Datasheet HTML 13Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 14Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 15Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 16Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 17Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 18Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 19Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 20Page - Microchip Technology PIC16F628A-E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 15
PIC16F627A/628A/648A
4.0
MEMORY ORGANIZATION
4.1
Program Memory Organization
The PIC16F627A/628A/648A has a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. Only the first 1K x 14 (0000h-03FFh)
for the PIC16F627A, 2K x 14 (0000h-07FFh) for the
PIC16F628A and 4K x 14 (0000h-0FFFh) for the
PIC16F648A are physically implemented. Accessing a
location above these boundaries will cause a wrap-
around within the first 1K x 14 space (PIC16F627A),
2K x 14
space (PIC16F628A)
or
4K x 14 space
(PIC16F648A). The Reset vector is at 0000h and the
interrupt vector is at 0004h (Figure 4-1).
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK
4.2
Data Memory Organization
The data memory (Figure 4-2 and Figure 4-3) is
partitioned into four banks, which contain the General
Purpose Registers (GPRs) and the Special Function
Registers (SFRs). The SFRs are located in the first 32
locations of each bank. There are General Purpose
Registers implemented as static RAM in each bank.
Table 4-1 lists the General Purpose Register available
in each of the four banks.
TABLE 4-1:
GENERAL PURPOSE STATIC
RAM REGISTERS
Addresses F0h-FFh, 170h-17Fh and 1F0h-1FFh are
implemented as common RAM and mapped back to
addresses 70h-7Fh.
Table 4-2 lists how to access the four banks of registers
via the Status register bits RP1 and RP0.
TABLE 4-2:
ACCESS TO BANKS OF
REGISTERS
4.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 224 x 8 in the
PIC16F627A/628A and 256 x 8 in the PIC16F648A.
Each is accessed either directly or indirectly through
the File Select Register (FSR), See Section 4.4
“Indirect Addressing, INDF and FSR Registers”.
PC<12:0>
13
000h
0004
0005
03FFh
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
07FFh
PIC16F627A,
PIC16F628A and
PIC16F648A
On-chip Program
Memory
PIC16F628A and
PIC16F648A
On-chip Program
Memory
PIC16F648A only
0FFFh
PIC16F627A/628A
PIC16F648A
Bank0
20-7Fh
20-7Fh
Bank1
A0h-FF
A0h-FF
Bank2
120h-14Fh, 170h-17Fh
120h-17Fh
Bank3
1F0h-1FFh
1F0h-1FFh
Bank
RP1
RP0
0
00
1
01
2
10
3
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com