Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 79Page - Microchip Technology PIC16F913 Datasheet HTML 80Page - Microchip Technology PIC16F913 Datasheet HTML 81Page - Microchip Technology PIC16F913 Datasheet HTML 82Page - Microchip Technology PIC16F913 Datasheet HTML 83Page - Microchip Technology PIC16F913 Datasheet HTML 84Page - Microchip Technology PIC16F913 Datasheet HTML 85Page - Microchip Technology PIC16F913 Datasheet HTML 86Page - Microchip Technology PIC16F913 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 81
PIC16F913/914/916/917/946
3.8
PORTF and TRISF Registers
PORTF is an 8-bit port with Schmitt Trigger input buff-
ers. RF<7:0> are individually configured as inputs or
outputs, depending on the state of the port direction.
The port bits are also multiplexed with LCD segment
functions. PORTF is available on the PIC16F946 only.
EXAMPLE 3-6:
INITIALIZING PORTF
BANKSEL PORTF
;
CLRF
PORTF
;Init PORTF
BANKSEL TRISF
;
MOVLW
0FFh
;Set RF<7:0> as inputs
MOVWF
TRISF
;
REGISTER 3-14:
PORTF: PORTF REGISTER(1)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RF<7:0>: PORTF I/O Pin bits
1
= Port pin is >VIH min.
0
= Port pin is <VIL max.
Note 1:
PIC16F946 only.
REGISTER 3-15:
TRISF: PORTF TRI-STATE REGISTER(1)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISF7
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISF<7:0>: PORTF Tri-State Control bits
1
= PORTF pin configured as an input (tri-stated)
0
= PORTF pin configured as an output
Note 1:
PIC16F946 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com