Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-I/MLSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F688-I/MLSQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-I/MLSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F688-I/MLSQTP Datasheet HTML 61Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 62Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 63Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 64Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 65Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 66Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 67Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 68Page - Microchip Technology PIC16F688-I/MLSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 63
PIC16F688
7.10
Comparator Voltage Reference
The Comparator Voltage Reference module provides
an internally generated voltage reference for the com-
parators. The following features are available:
• Independent from Comparator operation
• Two 16-level voltage ranges
• Output clamped to VSS
• Ratiometric with VDD
The VRCON register (Figure 7-3) controls the Voltage
Reference module shown in Figure 7-8.
7.10.1
INDEPENDENT OPERATION
The comparator voltage reference is independent of
the comparator configuration. Setting the VREN bit of
the VRCON register will enable the voltage reference.
7.10.2
OUTPUT VOLTAGE SELECTION
The
CVREF voltage reference has 2 ranges with 16
voltage levels in each range. Range selection is
controlled by the VRR bit of the VRCON register. The
16 levels are set with the VR<3:0> bits of the VRCON
register.
The CVREF output voltage is determined by the following
equations:
EQUATION 7-1:
CVREF OUTPUT VOLTAGE
The full range of VSS to VDD cannot be realized due to
the construction of the module. See Figure 7-8.
7.10.3
OUTPUT CLAMPED TO VSS
The CVREF output voltage can be set to Vss with no
power consumption by configuring VRCON as follows:
•VREN = 0
•VRR = 1
•VR<3:0> = 0000
This allows the comparator to detect a zero-crossing
while not consuming additional CVREF module current.
7.10.4
OUTPUT RATIOMETRIC TO VDD
The comparator voltage reference is VDD derived and
therefore, the CVREF output changes with fluctuations in
VDD. The tested absolute accuracy of the Comparator
Voltage Reference can be found in Section 14.0
“Electrical Specifications”.
VRR
1 (low range):
=
VRR
0 (high range):
=
CVREF
(VDD/4) +
=
CVREF
(VR<3:0>/24)
VDD
×
=
(VR<3:0>
VDD/32)
×
REGISTER 7-3:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
—VRR
—
VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VREN: CVREF Enable bit
1
= CVREF circuit powered on
0
= CVREF circuit powered down, no IDD drain and CVREF = VSS.
bit 6
Unimplemented: Read as ‘0’
bit 5
VRR: CVREF Range Selection bit
1
= Low range
0
= High range
bit 4
Unimplemented: Read as ‘0’
bit 3-0
VR<3:0>: CVREF Value Selection bits (0
≤ VR<3:0> ≤ 15)
When VRR = 1: CVREF = (VR<3:0>/24) * VDD
When VRR = 0: CVREF = VDD/4 + (VR<3:0>/32) * VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com