Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200T-E/P Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC10F200T-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200T-E/P Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC10F200T-E/P Datasheet HTML 68Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 69Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 70Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 71Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 72Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 73Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 74Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 75Page - Microchip Technology PIC10F200T-E/P Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 70
© 2007 Microchip Technology Inc.
TABLE 12-3:
CALIBRATED INTERNAL RC FREQUENCIES – PIC10F200/202/204/206
FIGURE 12-3:
RESET, WATCHDOG TIMER AND DEVICE RESET TIMER TIMING –
PIC10F200/202/204/206
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C (industrial),
-40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in
Section 12.1 “DC Characteristics”.
Param
No.
Sym
Characteristic
Freq
Tolerance
Min
Typ†
Max
Units
Conditions
F10
FOSC
Internal Calibrated
INTOSC
Frequency(1,2)
± 1%
3.96
4.00
4.04
MHz VDD=3.5V @ 25
°C
± 2%
3.92
4.00
4.08
MHz 2.5V
≤ VDD ≤ 5.5V
0
°C ≤ TA ≤ +85°C (industrial)
± 5%
3.80
4.00
4.20
MHz 2.0V
≤ VDD ≤ 5.5V
-40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
* These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
Note 1: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1
μF and 0.01 μF values in parallel are recommended.
2: Under stable VDD conditions
VDD
MCLR
Internal
POR
DRT
Timeout(2)
Internal
Reset
Watchdog
Timer
Reset
32
31
34
I/O pin(1)
32
32
34
30
Note 1:
I/O pins must be taken out of High-Impedance mode by enabling the output drivers in software.
2:
Runs on POR only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com