Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/MLQTP Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC12F635-E/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MLQTP Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC12F635-E/MLQTP Datasheet HTML 213Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 214Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 215Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 216Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 217Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 218Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 219Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 220Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 215
PIC12F635/PIC16F636/639
8-Lead Plastic Dual Flat, No Lead Package (MD) – 4x4x0.9 mm Body [DFN]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. Package is saw singulated.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
0.80 BSC
Overall Height
A
0.80
0.90
1.00
Standoff
A1
0.00
0.02
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
4.00 BSC
Exposed Pad Width
E2
0.00
2.20
2.80
Overall Width
E
4.00 BSC
Exposed Pad Length
D2
0.00
3.00
3.60
Contact Width
b
0.25
0.30
0.35
Contact Length
L
0.30
0.55
0.65
Contact-to-Exposed Pad
K
0.20
–
–
D
N
E
NOTE 1
1
2
A3
A
A1
NOTE 2
NOTE 1
D2
1
2
E2
L
N
e
b
K
EXPOSED
PAD
TOP VIEW
BOTTOM VIEW
Microchip Technology Drawing C04-131C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com