Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/MLQTP Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC12F635-E/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MLQTP Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC12F635-E/MLQTP Datasheet HTML 95Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 96Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 97Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 98Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 99Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 100Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 101Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 102Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 97
PIC12F635/PIC16F636/639
11.0
ANALOG FRONT-END (AFE)
FUNCTIONAL DESCRIPTION
(PIC16F639 ONLY)
The PIC16F639 device consists of the PIC16F636
device and low frequency (LF) Analog Front-End
(AFE),
with
the
AFE
section
containing
three
analog-input channels for signal detection and LF
talk-back. This section describes the Analog Front-End
(AFE) in detail.
The PIC16F639 device can detect a 125 kHz input
signal as low as 1 mVpp and transmit data by using
internal LF talk-back modulation or via an external
transmitter. The PIC16F639 can also be used for
various
bidirectional
communication
applications.
Figure 11-3 and Figure 11-4 show application examples
of the device.
Each analog input channel has internal tuning
capacitance, sensitivity control circuits, an input signal
strength limiter and an LF talk-back modulation
transistor. An Automatic Gain Control (AGC) loop is
used for all three input channel gains. The output of
each channel is OR’d and fed into a demodulator. The
digital output is passed to the LFDATA pin. Figure 11-1
shows the block diagram of the AFE and Figure 11-2
shows the LC input path.
There are a total of eight Configuration registers. Six of
them are used for AFE operation options, one for
column parity bits and one for status indication of AFE
operation. Each register has 9 bits including one row
parity bit. These registers are readable and writable by
SPI (Serial Protocol Interface) commands except for
the STATUS register, which is read-only.
11.1
RF Limiter
The RF Limiter limits LC pin input voltage by de-Q’ing
the attached LC resonant circuit. The absolute voltage
limit is defined by the silicon process’s maximum
allowed input voltage (see Section 15.0 “Electrical
Specifications”). The limiter begins de-Q’ing the
external LC antenna when the input voltage exceeds
VDE_Q
, progressively de-Q’ing harder to reduce the
antenna input voltage.
The signal levels from all 3 channels are combined
such that the limiter attenuates all 3 channels
uniformly, in respect to the channel with the strongest
signal.
11.2
Modulation Circuit
The modulation circuit consists of a modulation
transistor (FET), internal tuning capacitors and external
LC antenna components. The modulation transistor
and the internal tuning capacitors are connected
between the LC input pin and LCCOM pin. Each LC
input has its own modulation transistor.
When the modulation transistor turns on, its low Turn-on
Resistance (RM) clamps the induced LC antenna
voltage. The coil voltage is minimized when the
modulation transistor turns-on and maximized when the
modulation
transistor
turns-off.
The
modulation
transistor’s low Turn-on Resistance (RM) results in a
high modulation depth.
The LF talk-back is achieved by turning on and off the
modulation transistor.
The modulation data comes from the microcontroller
section via the digital SPI interface as “Clamp On”,
“Clamp Off” commands. Only those inputs that are
enabled will execute the clamp command. A basic
block diagram of the modulation circuit is shown in
Figure 11-1 and Figure 11-2.
The modulation FET is also shorted momentarily after
Soft Reset and Inactivity timer time-out.
11.3
Tuning Capacitor
Each channel has internal tuning capacitors for external
antenna tuning. The capacitor values are programmed
by the Configuration registers up to 63 pF, 1 pF per step.
11.4
Variable Attenuator
The variable attenuator is used to attenuate, via AGC
control, the input signal voltage to avoid saturating the
amplifiers and demodulators.
11.5
Sensitivity Control
The sensitivity of each channel can be reduced by the
channel’s Configuration register sensitivity setting.
This is used to desensitize the channel from optimum.
Note:
The user can control the tuning capacitor
by programming the AFE Configuration
registers.
Note:
The
variable
attenuator
function
is
accomplished by the device itself. The
user cannot control its function.
Note:
The user can desensitize the channel
sensitivity
by
programming
the
AFE
Configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com