Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F16-E/PSQTP Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F16-E/PSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PSQTP Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F16-E/PSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 101Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 102Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 101
PIC16F716
FIGURE 12-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING(1)
FIGURE 12-7:
BROWN-OUT RESET TIMING
TABLE 12-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT RESET REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max Units
Conditions
30
TMCL
MCLR Pulse Width (low)
2
—
—
μsVDD = 5V, -40°C to +125°C
31*
TWDT
Watchdog Timer Time-out Period
7
18
33
ms
VDD = 5V, -40°C to +85°C
(No Prescaler)
TBD
TBD
TBD
ms
VDD = 5V, +85°C to +125°C
32
TOST
Oscillation Start-up Timer Period
—
1024 TOSC
——
TOSC = OSC1 period
33*
TPWRT Power-up Timer Period
28
72
132
ms
VDD = 5V, -40°C to +85°C
TBD
TBD
TBD
ms
VDD = 5V, +85°C to +125°C
34
TIOZ
I/O high-impedance from MCLR
Low or WDT Reset
——
2.1
μs
35
TBOR
Brown-out Reset Pulse Width
100
—
—
μsVDD ≤ BVDD (D005)
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
Reset
Watchdog
Timer
Reset
33
32
30
31
34
I/O Pins
34
Note 1:
Refer to Figure 12-3 for load conditions.
VDD
BVDD
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com