Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F16-E/PSQTP Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F16-E/PSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PSQTP Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F16-E/PSQTP Datasheet HTML 102Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 107Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 108Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 109Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
PIC16F716
DS41206B-page 104
© 2007 Microchip Technology Inc.
TABLE 12-7:
A/D CONVERTER CHARACTERISTICS: PIC16F716 (INDUSTRIAL, EXTENDED)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A00
VDD VDD Operation
2.5
—
5.5
V
A01
NR
Resolution
—
—
8-bits
bit
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A02
EABS Total Absolute error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A03
EIL
Integral linearity error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A04
EDL Differential linearity error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A05
EFS Full scale error
—
—
< ± 1
LSb VREF = VDD= 5.12V,
VSS
≤ VAIN ≤ VREF
A06
EOFF Offset error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A10
—
Monotonicity
—
guaranteed(3)
——
VSS
≤ VAIN ≤ VREF
A20
VREF Reference voltage
2.5V
—
VDD + 0.3
V
A25
VAIN Analog input voltage
VSS -
0.3
—VREF +
0.3
V
A30
ZAIN Recommended impedance of
analog voltage source
——
10.0
k
Ω
A40
IAD
A/D conversion
current (VDD)
Standard
—
180
—
μA Average current
consumption when
A/D is on.(1)
A50
IREF VREF input current(2)
10
—
—
—
1000
10
μA
μA
During VAIN
acquisition.
Based on differential
of VHOLD to VAIN to
charge CHOLD, see
Section 12.1 “DC
Characteristics:
PIC16F716 (Indus-
trial, Extended)”.
During A/D
Conversion cycle
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current.
The power-down current spec includes any such leakage from the A/D module.
2:
VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.
3:
The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com