Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-I/SLSQTP Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16F688-I/SLSQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-I/SLSQTP Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16F688-I/SLSQTP Datasheet HTML 115Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 116Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 117Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 118Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 119Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 120Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 121Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 122Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 117
PIC16F688
TABLE 11-4:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep
through Interrupt
Wake-up from Sleep
through WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h/100h/180h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR0
01h/101h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h/102h/182h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h/103h/183h
0001 1xxx
000q quuu(4)
uuuq quuu(4)
FSR
04h/84h/104h/184h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h/105h
--x0 x000
--00 0000
--uu uuuu
PORTC
07h/107h
--xx 0000
--00 0000
--uu uuuu
PCLATH
0Ah/8Ah/10Ah/18Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh/10Bh/18Bh
0000 000x
0000 000x
uuuu uuuu(2)
PIR1
0Ch
0000 0000
0000 0000
uuuu uuuu(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 0000
uuuu uuuu
-uuu uuuu
BAUDCTL
11h
01-0 0-00
01-0 0-00
uu-u u-uu
SPBRGH
12h
-000 0000
-000 0000
-uuu uuuu
SPBRG
13h
0000 0000
0000 0000
uuuu uuuu
RCREG
14h
0000 0000
0000 0000
uuuu uuuu
TXREG
15h
0000 0000
0000 0000
uuuu uuuu
TXSTA
16h
0000 0010
0000 0010
uuuu uuuu
RCSTA
17h
000x 000x
000x 000x
uuuu uuuu
WDTCON
18h
---0 1000
---0 1000
---u uuuu
CMCON0
19h
0000 0000
0000 0000
uuuu uuuu
CMCON1
1Ah
---- --10
---- --10
---- --uu
ADRESH
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1Fh
00-0 0000
00-0 0000
uu-u uuuu
OPTION_REG
81h/181h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h/185h
--11 1111
--11 1111
--uu uuuu
TRISC
87h/187h
--11 1111
--11 1111
--uu uuuu
PIE1
8Ch
0000 0000
0000 0000
uuuu uuuu
PCON
8Eh
--01 --0x
--0u --uu(1,5)
--uu --uu
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 11-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com