Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-I/SLSQTP Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F688-I/SLSQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-I/SLSQTP Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F688-I/SLSQTP Datasheet HTML 118Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 119Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 120Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 121Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 122Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 123Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 124Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 125Page - Microchip Technology PIC16F688-I/SLSQTP Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 202 page
background image
PIC16F688
DS41203D-page 120
© 2007 Microchip Technology Inc.
11.3.1
RA2/INT INTERRUPT
External interrupt on RA2/INT pin is edge-triggered;
either rising if the INTEDG bit of the OPTION register is
set, or falling if the INTEDG bit is clear. When a valid
edge appears on the RA2/INT pin, the INTF bit of the
INTCON register is set. This interrupt can be disabled
by clearing the INTE control bit of the INTCON register.
The INTF bit must be cleared in software in the Inter-
rupt Service Routine before re-enabling this interrupt.
The RA2/INT interrupt can wake-up the processor from
Sleep if the INTE bit was set prior to going into Sleep.
The status of the GIE bit decides whether or not the
processor branches to the interrupt vector following
wake-up (0004h). See Section 11.6 “Power-Down
Mode (Sleep)” for details on Sleep and Figure 11-10
for timing of wake-up from Sleep through RA2/INT
interrupt.
11.3.2
TIMER0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
the T0IF of the INTCON register bit. The interrupt can
be enabled/disabled by setting/clearing T0IE bit of the
INTCON register. See Section 5.0 “Timer0 Module”
for operation of the Timer0 module.
11.3.3
PORTA INTERRUPT
An input change on PORTA change sets the RAIF bit of
the INTCON register. The interrupt can be enabled/dis-
abled by setting/clearing the RAIE bit of the INTCON
register. Plus, individual pins can be configured through
the IOCA register.
FIGURE 11-7:
INTERRUPT LOGIC
Note:
The ANSEL (91h) and CMCON0 (19h)
registers must be initialized to configure
an analog channel as a digital input. Pins
configured as analog inputs will read ‘0’.
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RAIF
interrupt flag may not get set.
TMR1IF
TMR1IE
C1IF
C1IE
T0IF
T0IE
INTF
INTE
RAIF
RAIE
GIE
PEIE
Wake-up (If in Sleep mode)
Interrupt to CPU
EEIE
EEIF
ADIF
ADIE
IOC-RA0
IOCA0
IOC-RA1
IOCA1
IOC-RA2
IOCA2
IOC-RA3
IOCA3
IOC-RA4
IOCA4
IOC-RA5
IOCA5
TXIF
TXIE
RCIF
RCIE
OSFIF
OSFIE
C2IF
C2IE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com