Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/MLQTP Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F913-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/MLQTP Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F913-E/MLQTP Datasheet HTML 26Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 27Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 28Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 29Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 30Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 31Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 32Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 33Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 28
© 2007 Microchip Technology Inc.
TABLE 2-1:
PIC16F91X/946 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
41,226
01h
TMR0
Timer0 Module Register
xxxx xxxx
99,226
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
40,226
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
32,226
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
41,226
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx xxxx
44,226
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
54,226
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
62,226
08h
PORTD(2)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
71,226
09h
PORTE
RE7(3)
RE6(3)
RE5(3)
RE4(3)
RE3
RE2(2)
RE1(2)
RE0(2)
xxxx xxxx
76,226
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
40,226
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
34,226
0Ch
PIR1
EEIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
37,226
0Dh
PIR2
OSFIF
C2IF
C1IF
LCDIF
—LVDIF
—
CCP2IF(2)
0000 -0-0
38,226
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
102,226
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
102,226
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0 T1OSCEN T1SYNC
TMR1CS
TMR1ON
0000 0000
105,226
11h
TMR2
Timer2 Module Register
0000 0000
107,226
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0
-000 0000
108,226
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
196,226
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
195,226
15h
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx
213,226
16h
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx
213,226
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
212,226
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
131,226
19h
TXREG
USART Transmit Data Register
0000 0000
130,226
1Ah
RCREG
USART Receive Data Register
0000 0000
128,227
1Bh(2) CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx
213,227
1Ch(2) CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx
213,227
1Dh(2) CCP2CON
—
—
CCP2X
CCP2Y
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
212,227
1Eh
ADRESH
A/D Result Register High Byte
xxxx xxxx
182,227
1Fh
ADCON0
ADFM
VCFG1
VCFG0
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
180,227
Legend:
-
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
PIC16F914/917 and PIC16F946 only, forced ‘0’ on PIC16F913/916.
3:
PIC16F946 only, forced to ‘0’ on PIC16F91X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com