Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/MLQTP Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F913-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/MLQTP Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F913-E/MLQTP Datasheet HTML 141Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 142Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 143Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 144Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 145Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 146Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 147Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 148Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 143
PIC16F913/914/916/917/946
10.0 LIQUID CRYSTAL DISPLAY
(LCD) DRIVER MODULE
The Liquid Crystal Display (LCD) driver module
generates the timing control to drive a static or
multiplexed LCD panel. In the PIC16F913/916 devices,
the module drives the panels of up to four commons
and up to 16 segments. In the PIC16F914/917 devices,
the module drives the panels of up to four commons
and up to 24 segments. In the PIC16F946 device, the
module drives the panels of up to four commons and up
to 42 segments. The LCD module also provides control
of the LCD pixel data.
The LCD driver module supports:
• Direct driving of LCD panel
• Three LCD clock sources with selectable prescaler
• Up to four commons:
- Static (1 common)
- 1/2 multiplex (2 commons)
- 1/3 multiplex (3 commons)
- 1/4 multiplex (4 commons)
• Segments up to:
- 16 (PIC16F913/916)
- 24 (PIC16F914/917)
- 42 (PIC16F946)
• Static, 1/2 or 1/3 LCD Bias
10.1
LCD Registers
The module contains the following registers:
• LCD Control Register (LCDCON)
• LCD Phase Register (LCDPS)
• Up to 6 LCD Segment Enable Registers (LCDSEn)
• Up to 24 LCD Data Registers (LCDDATA)
TABLE 10-1:
LCD SEGMENT AND DATA
REGISTERS
The LCDCON register (Register 10-1) controls the
operation of the LCD driver module. The LCDPS
register (Register 10-2) configures the LCD clock
source prescaler and the type of waveform; Type-A or
Type-B.
The
LCDSE
registers
(Register 10-3)
configure the functions of the port pins.
The following LCDSE registers are available:
• LCDSE0 SE<7:0>
• LCDSE1 SE<15:8>
• LCDSE2 SE<23:16>(1)
• LCDSE3 SE<31:24>(2)
• LCDSE4 SE<39:32>(2)
• LCDSE5 SE<41:40>(2)
Once the module is initialized for the LCD panel, the
individual bits of the LCDDATA<11:0> registers are
cleared/set to represent a clear/dark pixel, respectively:
• LCDDATA0
SEG<7:0>COM0
• LCDDATA1
SEG<15:8>COM0
• LCDDATA2
SEG<23:16>COM0
• LCDDATA3
SEG<7:0>COM1
• LCDDATA4
SEG<15:8>COM1
• LCDDATA5
SEG<23:16>COM1
• LCDDATA6
SEG<7:0>COM2
• LCDDATA7
SEG<15:8>COM2
• LCDDATA8
SEG<23:16>COM2
• LCDDATA9
SEG<7:0>COM3
• LCDDATA10 SEG<15:8>COM3
• LCDDATA11 SEG<23:16>COM3
The following additional registers are available on the
PIC16F946 only:
• LCDDATA12 SEG<31:24>COM0
• LCDDATA13 SEG<39:32>COM0
• LCDDATA14 SEG<41:40>COM0
• LCDDATA15 SEG<31:24>COM1
• LCDDATA16 SEG<39:32>COM1
• LCDDATA17 SEG<41:40>COM1
• LCDDATA18 SEG<31:24>COM2
• LCDDATA19 SEG<39:32>COM2
• LCDDATA20 SEG<41:40>COM2
• LCDDATA21 SEG<31:24>COM3
• LCDDATA22 SEG<39:32>COM3
• LCDDATA23 SEG<41:40>COM3
As
an
example,
LCDDATAx
is
detailed
in
Register 10-4.
Once the module is configured, the LCDEN bit of the
LCDCON register is used to enable or disable the LCD
module. The LCD panel can also operate during Sleep
by clearing the SLPEN bit of the LCDCON register.
Note:
COM3 and SEG15 share the same
physical pin on the PIC16F913/916,
therefore SEG15 is not available when
using 1/4 multiplex displays.
Device
# of LCD Registers
Segment Enable
Data
PIC16F913/916
2
8
PIC16F914/917
3
12
PIC16F946
6
24
Note 1: PIC16F914/917 and PIC16F946 only.
2: PIC16F946 only.
Note:
The LCDDATA2, LCDDATA5, LCDDATA8
and
LCDDATA11
registers
are
not
implemented
in
the
PIC16F913/916
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com