Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-I/PQTP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F917-I/PQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-I/PQTP Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F917-I/PQTP Datasheet HTML 1Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 2Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 3Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 4Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 5Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 6Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 7Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 8Page - Microchip Technology PIC16F917-I/PQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 2
© 2007 Microchip Technology Inc.
Pin Diagrams – PIC16F914/917, 40-Pin
Device
Program
Memory
Data Memory
I/O
10-bit A/D
(ch)
LCD
(segment
drivers)
CCP
Timers
8/16-bit
Flash
(words/bytes)
SRAM
(bytes)
EEPROM
(bytes)
PIC16F913
4K/7K
256
256
24
5
16(1)
12/1
PIC16F914
4K/7K
256
256
35
8
24
2
2/1
PIC16F916
8K/14K
352
256
24
5
16(1)
12/1
PIC16F917
8K/14K
352
256
35
8
24
2
2/1
PIC16F946
8K/14K
336
256
53
8
42
2
2/1
Note 1:
COM3 and SEG15 share the same physical pin on the PIC16F913/916, therefore SEG15 is not available
when using 1/4 multiplex displays.
40-pin PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
RE3/MCLR/VPP
RA0/AN0/C1-/SEG12
RA1/AN1/C2-/SEG7
RA2/AN2/C2+/VREF-/COM2
RA3/AN3/C1+/VREF+/SEG15
RA4/C1OUT/T0CKI/SEG4
RA5/AN4/C2OUT/SS/SEG5
RE0/AN5/SEG21
RE1/AN6/SEG22
RE2/AN7/SEG23
VDD
VSS
RA7/OSC1/CLKIN/T1OSI
RA6/OSC2/CLKOUT/T1OSO
RC0/VLCD1
RC1/VLCD2
RC2/VLCD3
RC3/SEG6
RD0/COM3
RD1
RB7/ICSPDAT/ICDDAT/SEG13
RB6/ICSPCLK/ICDCK/SEG14
RB5/COM1
RB4/COM0
RB3/SEG3
RB2/SEG2
RB1/SEG1
RB0/INT/SEG0
VDD
VSS
RD7/SEG20
RD6/SEG19
RD5/SEG18
RD4/SEG17
RC7/RX/DT/SDI/SDA/SEG8
RC6/TX/CK/SCK/SCL/SEG9
RC5/T1CKI/CCP1/SEG10
RC4/T1G/SDO/SEG11
RD3/SEG16
RD2/CCP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com