Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519-I/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC12F519-I/MS
Description  8-Pin, 8-Bit Flash Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-I/MS Datasheet(HTML) 3 Page - Microchip Technology

  PIC12F519-I/MS Datasheet HTML 1Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 2Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 3Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 4Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 5Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 6Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 7Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 8Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41319A-page 1
PIC12F519
High-Performance RISC CPU:
• Only 33 Single-Word Instructions
• All Single-Cycle Instructions except for Program
Branches which are Two-Cycle
• Two-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
for Data and Instructions
• Operating Speed:
- DC – 8 MHz Oscillator
- DC – 500 ns instruction cycle
• On-chip Flash Program Memory
- 1024 x 12
• General Purpose Registers (SRAM)
- 41 x 8
• Flash Data Memory
- 64 x 8
Special Microcontroller Features:
• 8 MHz Precision Internal Oscillator
- Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) Support
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with Dedicated On-Chip
RC Oscillator for Reliable Operation
• Programmable Code Protection
• Multiplexed MCLR Input Pin
• Internal Weak Pull-ups on I/O Pins
• Power-Saving Sleep mode
• Wake-up from Sleep on Pin Change
• Selectable Oscillator Options:
- INTRC: 4 MHz or 8 MHz precision Internal
RC oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- LP:
Power-saving, low-frequency crystal
Low-Power Features/CMOS Technology:
• Standby Current:
- 100 nA @ 2.0V, typical
• Operating Current:
-15
μA @ 32 kHz, 2.0V, typical
-170
μA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
μA @ 2.0V, typical
-7
μA @ 5.0V, typical
• High Endurance Program and Flash Data Memory
Cells
- 100,000 write Program Memory endurance
- 1,000,000 write Flash Data Memory endurance
- Program and Flash Data retention: >40 years
• Fully Static Design
• Wide Operating Voltage Range: 2.0V to 5.5V
- Wide temperature range
- Industrial: -40
°C to +85°C
- Extended: -40
°C to +125°C
Peripheral Features:
• 6 I/O Pins
- 5 I/O pins with individual direction control
- 1 input-only pin
- High current sink/source for direct LED drive
• 8-bit Real-Time Clock/Counter (TMR0) with 8-bit
Programmable Prescaler.
8-Pin, 8-Bit Flash Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com