Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519T-E/MS Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC12F519T-E/MS
Description  8-Pin, 8-Bit Flash Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519T-E/MS Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC12F519T-E/MS Datasheet HTML 37Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 38Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 39Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 40Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 41Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 42Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 43Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 44Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41319A-page 39
PIC12F519
8.2.5
INTERNAL 4/8 MHz RC
OSCILLATOR
The internal RC oscillator provides a fixed 4/8 MHz
(nominal) system clock at VDD = 5V and 25°C, (see
Section 11.0
“Electrical
Characteristics”
for
information on variation over voltage and temperature).
In addition, a calibration instruction is programmed into
the last address of memory, which contains the calibra-
tion value for the internal RC oscillator. This location is
always non-code protected, regardless of the
code-protect settings. This value is programmed as a
MOVLW XX instruction where XX is the calibration value,
and is placed at the Reset vector. This will load the W
register with the calibration value upon Reset and the
PC will then roll over to the users program at address
0x000. The user then has the option of writing the value
to the OSCCAL Register (05h) or ignoring it.
OSCCAL, when written to with the calibration value, will
“trim” the internal oscillator to remove process variation
from the oscillator frequency.
For the PIC12F519 device, only bits <7:1> of OSCCAL
are used for calibration. See Register 4-3 for more
information.
8.3
Reset
The device differentiates between various kinds of
Reset:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT Time-out Reset during normal operation
• WDT Time-out Reset during Sleep
• Wake-up from Sleep on pin change
Some registers are not reset in any way, and they are
unknown on Power-on Reset (POR) and unchanged in
any other Reset. Most other registers are reset to
“Reset state” on Power-on Reset (POR), MCLR, WDT
or Wake-up on pin change Reset during normal opera-
tion. They are not affected by a WDT Reset during
Sleep or MCLR Reset during Sleep, since these
Resets are viewed as resumption of normal operation.
The exceptions to this are TO, PD and RBWUF bits.
They are set or cleared differently in different Reset sit-
uations. These bits are used in software to determine
the nature of Reset. See Table 8-3 for a full description
of Reset states of all registers.
Note:
Erasing the device will also erase the
pre-programmed internal calibration value
for the internal oscillator. The calibration
value must be read prior to erasing the
part so it can be reprogrammed correctly
later.
Note:
The bit 0 of the OSCCAL register is
unimplemented and should be written as
‘0’
when
modifying
OSCCAL
for
compatibility with future devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com