Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519-E/MS Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC12F519-E/MS
Description  8-Pin, 8-Bit Flash Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/MS Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC12F519-E/MS Datasheet HTML 36Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 37Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 38Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 39Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 40Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 41Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 42Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 43Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
PIC12F519
DS41319A-page 38
Preliminary
© 2007 Microchip Technology Inc.
8.2.3
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator or a simple oscillator
circuit with TTL gates can be used as an external crystal
oscillator circuit. Prepackaged oscillators provide a wide
operating range and better stability. A well-designed
crystal oscillator will provide good performance with TTL
gates. Two types of crystal oscillator circuits can be
used: one with parallel resonance, or one with series
resonance.
Figure 8-3 shows implementation of a parallel resonant
oscillator circuit. The circuit is designed to use the fun-
damental frequency of the crystal. The 74AS04 inverter
performs the 180-degree phase shift that a parallel
oscillator requires. The 4.7 k
Ω resistor provides the
negative feedback for stability. The 10 k
Ω potentiome-
ters bias the 74AS04 in the linear region. This circuit
could be used for external oscillator designs.
FIGURE 8-3:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 8-4 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverter performs a
180-degree phase shift in a series resonant oscillator
circuit. The 330
Ω resistors provide the negative
feedback to bias the inverters in their linear region.
FIGURE 8-4:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
8.2.4
EXTERNAL RC OSCILLATOR
For timing insensitive applications, the RC circuit option
offers additional cost savings. The RC oscillator fre-
quency is a function of the supply voltage, the resistor
(REXT) and capacitor (CEXT) values, and the operating
temperature. In addition to this, the oscillator frequency
will vary from unit-to-unit due to normal process param-
eter variation. Furthermore, the difference in lead frame
capacitance between package types will also affect the
oscillation frequency, especially for low CEXT values.
The user also needs to take into account variation due
to tolerance of external R and C components used.
Figure 8-5 shows how the R/C combination is con-
nected to the PIC12F519 device. For REXT values
below 3.0 k
Ω, the oscillator operation may become
unstable, or stop completely. For very high REXT values
(e.g., 1 M
Ω), the oscillator becomes sensitive to noise,
humidity and leakage. It is recommended keeping
REXT between 5.0 k
Ω and 100 kΩ.
Although the oscillator will operate with no external
capacitor (CEXT = 0 pF), it is recommended using
values above 20 pF for noise and stability reasons.
With no or small external capacitance, the oscillation
frequency can vary dramatically due to changes in
external capacitances, such as PCB trace capacitance
or package lead frame capacitance.
Section 11.0 “Electrical Characteristics”, shows RC
frequency variation from part-to-part due to normal
process variation. The variation is larger for larger val-
ues of R (since leakage current variation will affect RC
frequency more for large R) and for smaller values of C
(since variation of input capacitance will affect RC
frequency more).
Also, see the Electrical Specifications section for
variation of oscillator frequency due to VDD for given
REXT/CEXT values, as well as frequency variation due
to operating temperature for given R, C and VDD
values.
FIGURE 8-5:
EXTERNAL RC
OSCILLATOR MODE
20 pF
+5V
20 pF
10k
4.7k
10k
74AS04
XTAL
10k
74AS04
PIC12F519
CLKIN
To Other
Devices
330
74AS04
74AS04
CLKIN
To Other
Devices
XTAL
330
74AS04
0.1 mF
PIC12F519
VDD
REXT
CEXT
VSS
OSC1
Internal
clock
PIC16F519
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com