Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/PQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC18F23K20-E/PQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/PQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC18F23K20-E/PQTP Datasheet HTML 24Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 25Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 26Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 27Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 28Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 29Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 30Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 31Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 26
Advance Information
© 2007 Microchip Technology Inc.
2.2
Oscillator Control
The OSCCON register (Register 2-1) controls several
aspects of the device clock’s operation, both in full
power operation and in power-managed modes.
• Main System Clock Selection (SCS)
• Internal Frequency selection bits (IRCF)
• Clock Status bits (OSTS, IOFS)
• Power management selection (IDLEN)
2.2.1
MAIN SYSTEM CLOCK SELECTION
The System Clock Select bits, SCS<1:0>, select the
main clock source. The available clock sources are
• Primary clock defined by the FOSC<3:0> bits of
CONFIG1H. The primary clock can be the primary
oscillator, an external clock, or the internal oscilla-
tor block.
• Secondary clock (Timer1 oscillator)
• Internal oscillator block (HFINTOSC and
LFINTOSC).
The clock source changes immediately after one or
more of the bits is written to, following a brief clock tran-
sition interval. The SCS bits are cleared to select the
primary clock on all forms of Reset.
2.2.2
INTERNAL FREQUENCY
SELECTION
The
Internal
Oscillator
Frequency
Select
bits
(IRCF<2:0>) select the frequency output of the internal
oscillator block. The choices are the LFINTOSC source
(31 kHz), the HFINTOSC source (16 MHz) or one of
the
frequencies
derived
from
the
HFINTOSC
postscaler (31.25 kHz to 8 MHz). If the internal oscilla-
tor block is supplying the main clock, changing the
states of these bits will have an immediate change on
the internal oscillator’s output. On device Resets, the
output frequency of the internal oscillator is set to the
default frequency of 1 MHz.
2.2.3
LOW FREQUENCY SELECTION
When a nominal output frequency of 31 kHz is selected
(IRCF<2:0> = 000), users may choose which internal
oscillator acts as the source. This is done with the
INTSRC bit of the OSCTUNE register. Setting this bit
selects the HFINTOSC as a 31.25 kHz clock source by
enabling the divide-by-512 output of the HFINTOSC
postscaler. Clearing INTSRC selects LFINTOSC (nom-
inally 31 kHz) as the clock source.
This option allows users to select the tunable and more
precise HFINTOSC as a clock source, while maintain-
ing power savings with a very low clock speed. Regard-
less of the setting of INTSRC, LFINTOSC always
remains the clock source for features such as the
Watchdog Timer and the Fail-Safe Clock Monitor.
2.2.4
CLOCK STATUS
The OSTS and IOFS bits of the OSCCON register, and
the T1RUN bit of the T1CON register, indicate which
clock source is currently providing the main clock. The
OSTS bit indicates that the Oscillator Start-up Timer
has timed out and the primary clock is providing the
device clock. The IOFS bit indicates when the internal
oscillator block has stabilized and is providing the
device clock in HFINTOSC Clock modes. The IOFS
and OSTS Status bits will both be set when
SCS<1:0> = 00 and HFINTOSC is the primary clock.
The T1RUN bit indicates when the Timer1 oscillator is
providing the device clock in secondary clock modes.
When SCS<1:0>
≠ 00, only one of these three bits will
be set at any time. If none of these bits are set, the
LFINTOSC is providing the clock or the HFINTOSC has
just started and is not yet stable.
2.2.5
POWER MANAGEMENT
The IDLEN bit of the OSCCON register determines if
the device goes into Sleep mode or one of the Idle
modes when the SLEEP instruction is executed.
The use of the flag and control bits in the OSCCON
register is discussed in more detail in Section 3.0
“Power-Managed Modes”.
2.2.6
OSCILLATOR TRANSITIONS
PIC18F2XK20/4XK20 devices contain circuitry to pre-
vent clock “glitches” when switching between clock
sources. A short pause in the device clock occurs dur-
ing the clock switch. The length of this pause is the sum
of two cycles of the old clock source and three to four
cycles of the new clock source. This formula assumes
that the new clock source is stable.
Clock transitions are discussed in greater detail in
Section 3.1.2 “Entering Power-Managed Modes”.
Note 1: The Timer1 oscillator must be enabled to
select the secondary clock source. The
Timer1 oscillator is enabled by setting the
T1OSCEN bit of the T1CON register. If
the Timer1 oscillator is not enabled, then
the main oscillator will continue to run
from the previously selected source. The
source will then switch to the secondary
oscillator after the T1OSCEN bit is set.
2: It is recommended that the Timer1
oscillator be operating and stable before
selecting the secondary clock source or a
very long delay may occur while the
Timer1 oscillator starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com