Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/PQTP Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC18F23K20-E/PQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/PQTP Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC18F23K20-E/PQTP Datasheet HTML 130Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 131Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 132Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 133Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 134Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 135Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 136Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 137Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 132
Advance Information
© 2007 Microchip Technology Inc.
10.7
Port Analog Control
Some port pins are multiplexed with analog functions
such as the Analog-to-Digital Converter and compara-
tors. When these I/O pins are to be used as analog
inputs it is necessary to disable the digital input buffer
to avoid excessive current caused by improper biasing
of the digital input. Individual control of the digital input
buffers on pins which share analog functions is pro-
vided by the ANSEL and ANSELH registers. Setting an
ANSx bit high will disable the associated digital input
buffer and cause all reads of that pin to return ‘0’ while
allowing analog functions of that pin to operate
correctly.
The state of the ANSx bits has no affect on digital
output functions. A pin with the associated TRISx bit
clear and ANSx bit set will still operate as a digital
output but the input mode will be analog. This can
cause unexpected behavior when performing read-
modify-write operations on the affected port.
REGISTER 10-2:
ANSEL: ANALOG SELECT REGISTER 1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7(1)
ANS6(1)
ANS5(1)
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ANS7: RE2 Analog Select Control bit(1)
1
= Digital input buffer of RE2 is disabled
0
= Digital input buffer of RE2 is enabled
bit 6
ANS6: RE1 Analog Select Control bit(1)
1
= Digital input buffer of RE1 is disabled
0
= Digital input buffer of RE1 is enabled
bit 5
ANS5: RE0 Analog Select Control bit(1)
1
= Digital input buffer of RE0 is disabled
0
= Digital input buffer of RE0 is enabled
bit 4
ANS4: RA5 Analog Select Control bit
1
= Digital input buffer of RA5 is disabled
0
= Digital input buffer of RA5 is enabled
bit 3
ANS3: RA3 Analog Select Control bit
1
= Digital input buffer of RA3 is disabled
0
= Digital input buffer of RA3 is enabled
bit 2
ANS2: RA2 Analog Select Control bit
1
= Digital input buffer of RA2 is disabled
0
= Digital input buffer of RA2 is enabled
bit 1
ANS1: RA1 Analog Select Control bit
1
= Digital input buffer of RA1 is disabled
0
= Digital input buffer of RA1 is enabled
bit 0
ANS0: RA0 Analog Select Control bit
1
= Digital input buffer of RA0 is disabled
0
= Digital input buffer of RA0 is enabled
Note 1:
These bits are not implemented on PIC18F2XK20 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com