Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/PQTP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC12F615-E/PQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PQTP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC12F615-E/PQTP Datasheet HTML 51Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 52Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 53Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 54Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 55Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 56Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 57Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 58Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 53
PIC12F609/615/12HV609/615
8.0
COMPARATOR MODULE
The comparator can be used to interface analog
circuits to a digital circuit by comparing two analog
voltages and providing a digital indication of their
relative magnitudes. The comparator is a very useful
mixed signal building block because it provides analog
functionality independent of the program execution.
The Analog Comparator module includes the following
features:
• Programmable input section
• Comparator output is available internally/externally
• Programmable output polarity
• Interrupt-on-change
• Wake-up from Sleep
•PWM shutdown
• Timer1 gate (count enable)
• Output synchronization to Timer1 clock input
• Programmable voltage reference
• User-enable Comparator Hysteresis
8.1
Comparator Overview
The comparator is shown in Figure 8-1 along with the
relationship between the analog input levels and the
digital output. When the analog voltage at VIN+ is less
than the analog voltage at VIN-, the output of the com-
parator is a digital low level. When the analog voltage
at VIN+ is greater than the analog voltage at VIN-, the
output of the comparator is a digital high level.
FIGURE 8-1:SINGLE COMPARATOR
FIGURE 8-2:
COMPARATOR SIMPLIFIED BLOCK DIAGRAM
–
+
VIN+
VIN-
Output
Output
VIN+
VIN-
Note:
The black areas of the output of the
comparator represents the uncertainty
due to input offsets and response time.
CMOE
MUX
CMPOL
0
1
CMON(1)
CMCH
From Timer1
Clock
Note
1:
When CMON = 0, the comparator will produce a ‘0’ output to the XOR Gate.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
4:
Output shown for reference only. See I/O port pin diagram for more details.
DQ
EN
DQ
EN
CL
DQ
RD_CMCON0
Q3*RD_CMCON0
Q1
Set CMIF
To
Reset
CMVIN-
CMVIN+
CIN0-
CIN1-
0
1
CMSYNC
CMPOL
Data Bus
MUX
COUT(4)
To PWM Auto-Shutdown
To Timer1 Gate
0
1
CMR
MUX
CIN+
0
1
MUX
CVREF
CMVREN
FixedRef
CMVREF
SYNCCMOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com