Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/PQTP Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC12F615-E/PQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PQTP Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC12F615-E/PQTP Datasheet HTML 153Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 154Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 155Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 156Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 157Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 158Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 159Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 160Page - Microchip Technology PIC12F615-E/PQTP Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 155
PIC12F609/615/12HV609/615
8-Lead Plastic Dual Flat, No Lead Package (MD) - 4x4x09 mm Body [DFN]
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Number of Pins
Pitch
Overall Height
Standoff
Contact Thickness
Overall Length
Exposed Pad Width
Overall Width
Exposed Pad Length
Contact Width
Contact Length §
Contact-to-Exposed Pad §
Units
Dimension Limits
N
e
A
A1
A3
D
E2
E
D2
b
L
K
0.80
0.00
0.00
0.00
0.25
0.30
0.20
8
0.80 BSC
0.90
0.02
0.20 REF
4.00 BSC
2.20
4.00 BSC
3.00
0.30
0.55
—
1.00
0.05
2.80
3.60
0.35
0.65
—
MIN
NOM
MAX
MILLIMETERS
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. § Significant Characteristic
4. Package is saw singulated
5. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Microchip Technology Drawing No. C04–131, Sept. 8, 2006
A3
A1
A
NOTE 2
TOP VIEW
BOTTOM VIEW
NOTE 1
NOTE 1
EXPOSED
PAD
1
2
E
D
N
K
b
e
N
L
E2
D2
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com