Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/PQTP Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F913-E/PQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/PQTP Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F913-E/PQTP Datasheet HTML 25Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 26Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 27Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 28Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 29Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 30Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 31Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 32Page - Microchip Technology PIC16F913-E/PQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 27
PIC16F913/914/916/917/946
FIGURE 2-5:
PIC16F946 SPECIAL FUNCTION REGISTERS
File
File
File
File
Address
Address
Address
Address
Indirect addr. (1) 00h
Indirect addr. (1) 80h
Indirect addr. (1) 100h
Indirect addr. (1) 180h
TMR0
01h
OPTION_REG 81h
TMR0
101h
OPTION_REG 181h
PCL
02h
PCL
82h
PCL
102h
PCL
182h
STATUS
03h
STATUS
83h
STATUS
103h
STATUS
183h
FSR
04h
FSR
84h
FSR
104h
FSR
184h
PORTA
05h
TRISA
85h
WDTCON
105h
TRISF
185h
PORTB
06h
TRISB
86h
PORTB
106h
TRISB
186h
PORTC
07h
TRISC
87h
LCDCON
107h
TRISG
187h
PORTD
08h
TRISD
88h
LCDPS
108h
PORTF
188h
PORTE
09h
TRISE
89h
LVDCON
109h
PORTG
189h
PCLATH
0Ah
PCLATH
8Ah
PCLATH
10Ah
PCLATH
18Ah
INTCON
0Bh
INTCON
8Bh
INTCON
10Bh
INTCON
18Bh
PIR1
0Ch
PIE1
8Ch
EEDATL
10Ch
EECON1
18Ch
PIR2
0Dh
PIE2
8Dh
EEADRL
10Dh
EECON2(1)
18Dh
TMR1L
0Eh
PCON
8Eh
EEDATH
10Eh
Reserved
18Eh
TMR1H
0Fh
OSCCON
8Fh
EEADRH
10Fh
Reserved
18Fh
T1CON
10h
OSCTUNE
90h
LCDDATA0
110h
LCDDATA12
190h
TMR2
11h
ANSEL
91h
LCDDATA1
111h
LCDDATA13
191h
T2CON
12h
PR2
92h
LCDDATA2
112h
LCDDATA14
192h
SSPBUF
13h
SSPADD
93h
LCDDATA3
113h
LCDDATA15
193h
SSPCON
14h
SSPSTAT
94h
LCDDATA4
114h
LCDDATA16
194h
CCPR1L
15h
WPUB
95h
LCDDATA5
115h
LCDDATA17
195h
CCPR1H
16h
IOCB
96h
LCDDATA6
116h
LCDDATA18
196h
CCP1CON
17h
CMCON1
97h
LCDDATA7
117h
LCDDATA19
197h
RCSTA
18h
TXSTA
98h
LCDDATA8
118h
LCDDATA20
198h
TXREG
19h
SPBRG
99h
LCDDATA9
119h
LCDDATA21
199h
RCREG
1Ah
9Ah
LCDDATA10
11Ah
LCDDATA22
19Ah
CCPR2L
1Bh
9Bh
LCDDATA11
11Bh
LCDDATA23
19Bh
CCPR2H
1Ch
CMCON0
9Ch
LCDSE0
11Ch
LCDSE3
19Ch
CCP2CON
1Dh
VRCON
9Dh
LCDSE1
11Dh
LCDSE4
19Dh
ADRESH
1Eh
ADRESL
9Eh
LCDSE2
11Eh
LCDSE5
19Eh
ADCON0
1Fh
ADCON1
9Fh
11Fh
19Fh
General
Purpose
Register
96 Bytes
20h
General
Purpose
Register
80 Bytes
A0h
General
Purpose
Register
80 Bytes
120h
General
Purpose
Register
80 Bytes
1A0h
EFh
16Fh
1EFh
accesses
70h-7Fh
F0h
accesses
70h-7Fh
170h
accesses
70h-7Fh
1F0h
7Fh
FFh
17Fh
1FFh
Bank 0Bank 1Bank 2Bank 3
Unimplemented data memory locations, read as ‘0’.
Note 1: Not a physical register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com