Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-E/PQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F917-E/PQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/PQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F917-E/PQTP Datasheet HTML 28Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 29Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 30Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 31Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 32Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 33Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 34Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 35Page - Microchip Technology PIC16F917-E/PQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 30
© 2007 Microchip Technology Inc.
TABLE 2-3:
PIC16F91X/946 SPECIAL FUNCTION REGISTERS SUMMARY BANK 2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 2
100h INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
41,226
101h TMR0
Timer0 Module Register
xxxx xxxx
99,226
102h PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
40,226
103h STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
32,226
104h FSR
Indirect Data Memory Address Pointer
xxxx xxxx
41,226
105h WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN ---0 1000
235,227
106h PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
54,226
107h LCDCON
LCDEN
SLPEN
WERR
VLCDEN
CS1
CS0
LMUX1
LMUX0
0001 0011
145,227
108h LCDPS
WFT
BIASMD
LCDA
WA
LP3
LP2
LP1
LP0
0000 0000
146,227
109h LVDCON
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
--00 -100
145,228
10Ah PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
40,226
10Bh INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
34,226
10Ch EEDATL
EEDATL7 EEDATL6 EEDATL5
EEDATL4
EEDATL3
EEDATL2
EEDATL1
EEDATL0 0000 0000
188,228
10Dh EEADRL
EEADRL7 EEADRL6 EEADRL5 EEADRL4 EEADRL3 EEADRL2 EEADRL1 EEADRL0 0000 0000
188,228
10Eh EEDATH
—
—
EEDATH5 EEDATH4 EEDATH3 EEDATH2 EEDATH1 EEDATH0 --00 0000
188,228
10Fh EEADRH
—
—
—
EEADRH4 EEADRH3 EEADRH2 EEADRH1 EEADRH0 ---0 0000
188,228
110h
LCDDATA0
SEG7
COM0
SEG6
COM0
SEG5
COM0
SEG4
COM0
SEG3
COM0
SEG2
COM0
SEG1
COM0
SEG0
COM0
xxxx xxxx
147,228
111h
LCDDATA1
SEG15
COM0
SEG14
COM0
SEG13
COM0
SEG12
COM0
SEG11
COM0
SEG10
COM0
SEG9
COM0
SEG8
COM0
xxxx xxxx
147,228
112h
LCDDATA2(2)
SEG23
COM0
SEG22
COM0
SEG21
COM0
SEG20
COM0
SEG19
COM0
SEG18
COM0
SEG17
COM0
SEG16
COM0
xxxx xxxx
147,228
113h
LCDDATA3
SEG7
COM1
SEG6
COM1
SEG5
COM1
SEG4
COM1
SEG3
COM1
SEG2
COM1
SEG1
COM1
SEG0
COM1
xxxx xxxx
147,228
114h
LCDDATA4
SEG15
COM1
SEG14
COM1
SEG13
COM1
SEG12
COM1
SEG11
COM1
SEG10
COM1
SEG9
COM1
SEG8
COM1
xxxx xxxx
147,228
115h
LCDDATA5(2)
SEG23
COM1
SEG22
COM1
SEG21
COM1
SEG20
COM1
SEG19
COM1
SEG18
COM1
SEG17
COM1
SEG16
COM1
xxxx xxxx
147,228
116h
LCDDATA6
SEG7
COM2
SEG6
COM2
SEG5
COM2
SEG4
COM2
SEG3
COM2
SEG2
COM2
SEG1
COM2
SEG0
COM2
xxxx xxxx
147,228
117h
LCDDATA7
SEG15
COM2
SEG14
COM2
SEG13
COM2
SEG12
COM2
SEG11
COM2
SEG10
COM2
SEG9
COM2
SEG8
COM2
xxxx xxxx
147,228
118h
LCDDATA8(2)
SEG23
COM2
SEG22
COM2
SEG21
COM2
SEG20
COM2
SEG19
COM2
SEG18
COM2
SEG17
COM2
SEG16
COM2
xxxx xxxx
147,228
119h
LCDDATA9
SEG7
COM3
SEG6
COM3
SEG5
COM3
SEG4
COM3
SEG3
COM3
SEG2
COM3
SEG1
COM3
SEG0
COM3
xxxx xxxx
147,228
11Ah LCDDATA10
SEG15
COM3
SEG14
COM3
SEG13
COM3
SEG12
COM3
SEG11
COM3
SEG10
COM3
SEG9
COM3
SEG8
COM3
xxxx xxxx
147,228
11Bh LCDDATA11
(2)
SEG23
COM3
SEG22
COM3
SEG21
COM3
SEG20
COM3
SEG19
COM3
SEG18
COM3
SEG17
COM3
SEG16
COM3
xxxx xxxx
147,228
11Ch LCDSE0(3)
SE7
SE6
SE5
SE4
SE3
SE2
SE1
SE0
0000 0000
147,228
11Dh LCDSE1(3)
SE15
SE14
SE13
SE12
SE11
SE10
SE9
SE8
0000 0000
147,228
11Eh LCDSE2(2,3)
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
0000 0000
147,228
11Fh
—
Unimplemented
—
—
Legend:
–
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
PIC16F914/917 and PIC16F946 only.
3:
This register is only initialized by a POR or BOR reset and is unchanged by other Resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com