Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F202-E/MC Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC10F202-E/MC
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202-E/MC Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC10F202-E/MC Datasheet HTML 36Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 37Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 38Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 39Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 40Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 41Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 42Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 43Page - Microchip Technology PIC10F202-E/MC Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 38
© 2007 Microchip Technology Inc.
8.1
Comparator Configuration
The on-board comparator inputs, (GP0/CIN+, GP1/
CIN-), as well as the comparator output (GP2/COUT),
are steerable. The CMCON0, OPTION and TRIS
registers are used to steer these pins (see Figure 8-1).
If the Comparator mode is changed, the comparator
output level may not be valid for the specified mode
change delay shown in Table 12-1.
FIGURE 8-1:
BLOCK DIAGRAM OF THE COMPARATOR
TABLE 8-1:
TMR0 CLOCK SOURCE
FUNCTION MUXING
Note:
The comparator can have an inverted
output (see Figure 8-1).
+
-
C+
C-
OSCCAL
Band Gap Buffer
(0.6V)
CMPON
POL
T0CKSEL
T0CKI/GP2/COUT
COUTEN
COUT(Register)
T0CKI Pin
T0CKI
QD
S
CWUF
Read
CMCON
CWU
CPREF
CNREF
T0CS CMPT0CS COUTEN
Source
0x
x
Internal Instruction
Cycle
10
0
CMPOUT
10
1
CMPOUT
11
0
CMPOUT
11
1
T0CKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com