Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5310 Datasheet(PDF) 13 Page - Schneider Electric

Part # PM5310
Description  PowerLogic™ PM5000 series Technical Datasheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PM5310 Datasheet(HTML) 13 Page - Schneider Electric

Back Button PM5310 Datasheet HTML 6Page - Schneider Electric PM5310 Datasheet HTML 7Page - Schneider Electric PM5310 Datasheet HTML 8Page - Schneider Electric PM5310 Datasheet HTML 9Page - Schneider Electric PM5310 Datasheet HTML 10Page - Schneider Electric PM5310 Datasheet HTML 11Page - Schneider Electric PM5310 Datasheet HTML 12Page - Schneider Electric PM5310 Datasheet HTML 13Page - Schneider Electric PM5310 Datasheet HTML 14Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PM5000 meter parts
Please see the appropriate
Installation Guide for accurate and complete information on the installation of this product.
PM5100/PM5300 meter parts
PM5500/PM5600/PM5700
meter parts
PM5100/PM5300 Series meter mounting
PM5000 series meter dimensions
PM5500/PM5600/PM5700 series meter mounting
PM5000 series overview
PM5000 series
Menu selection buttons
LED indicators
Navigation or menu selections
Maintenance and alarm
notification area
A
B
C
D
Relay output (PM5300 only)
Voltage inputs
Control power
Current inputs
Status inputs/digital outputs
Communications port: Ethernet
(PM5300 only) or RS-485)
E
F
G
H
I
J
Voltage inputs
RS-485 comms
Digital inputs
Current inputs
Digital outputs
Ethernet ports
Control power
E
F
G
H
I
J
K
101.2
(4.02)
91.5
(3.60)
91.5
(3.60)
76
(2.99)
112
(4.40)
PM5000
PM5100/PM5300
PM5500/PM5600/PM5700
89
(3.50)
mm
(in)
96
(3.78)
96
(3.78)
101.2
(4.02)
91.5
(3.60)
81
(3.19)
94
(3.70)
CLIC
K
CLIC
K
< 6.4
(< 0.25)
mm
(in)
CLAC
K
CLA
CK
92.0+0.8
(3.62)+0.03
92.0+0.8
(3.62)+0.03
CLIC
K
CLIC
K
CLAC
K
CLAC
K
<
6.4
(<
0.25)
92.0+0.8
(3.62)+0.03
92.0+0.8
(3.62)+0.03
mm
(in)
Current Transformer commercial reference numbers for PM53xxR
BASIC MULTI-FUNCTION METERING
DIMENSIONS AND CONNECTION
Version: 1.0 - 04/02/2023
PLSED310052EN
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com