Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMB-SLD-J2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SMB-SLD-J2
Description  SpiceLED InGaN M-Spice
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMB-SLD-J2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SMB-SLD-J2 Datasheet HTML 1Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 2Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 3Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 4Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 5Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 6Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 7Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 8Page - DOMINANT Semiconductors SMB-SLD-J2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
23/02/2006 V1.0
2
SMT-SLD-L2N1-1
• SMT-SLD-L2
• SMT-SLD-M1
• SMT-SLD-M2
• SMT-SLD-N1
SMB-SLD-H2K1-1
• SMB-SLD-H2
• SMB-SLD-J1
• SMB-SLD-J2
• SMB-SLD-K1
InGaN
True Green, 525 nm
InGaN
Blue, 470 nm
160
160
14.00 - 35.50
14.00 - 18.00
18.00 - 22.40
22.40 - 28.50
28.50 - 35.50
3.55 - 9.00
3.55 - 4.50
4.50 - 5.60
5.60 - 7.20
7.20 - 9.00
InGaN M-Spice : SMx-SLD
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 2mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Other luminious intensity groups are also available upon request
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Wavelength distribution (nm)
Wavelength Grouping
Color
SMT; True Green
SMB; Blue
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
464 - 476
464 - 468
468 - 472
472 - 476
Dominant wavelength is measured with an accuracy of ± 1nm .
Group
Full
W
X
Y
Z
Full
W
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com