Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAT2170H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2170H
Description  Silicon N Channel MOSFET Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2170H Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2170H Datasheet HTML 1Page - Renesas Technology Corp HAT2170H Datasheet HTML 2Page - Renesas Technology Corp HAT2170H Datasheet HTML 3Page - Renesas Technology Corp HAT2170H Datasheet HTML 4Page - Renesas Technology Corp HAT2170H Datasheet HTML 5Page - Renesas Technology Corp HAT2170H Datasheet HTML 6Page - Renesas Technology Corp HAT2170H Datasheet HTML 7Page - Renesas Technology Corp HAT2170H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT2170H
Rev.5.00, Sep 26, 2005, page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
40
—
—
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
—
—
V
IG = ±100
µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
µA
VDS = 40 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.5
—
3.0
V
VDS = 10 V, I D = 1 mA
RDS(on)
—
3.3
4.2
m
Ω
ID = 22.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
3.7
5.0
m
Ω
ID = 22.5 A, VGS = 7 V
Note4
Forward transfer admittance
|yfs|
39
65
—
S
ID = 22.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
4650
—
pF
Output capacitance
Coss
—
900
—
pF
Reverse transfer capacitance
Crss
—
285
—
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Gate Resistance
Rg
—
0.5
—
Ω
Total gate charge
Qg
—
62
—
nC
Gate to source charge
Qgs
—
18
—
nC
Gate to drain charge
Qgd
—
7.0
—
nC
VDD = 10 V, VGS = 10 V,
ID = 45 A
Turn-on delay time
td(on)
—
15
—
ns
Rise time
tr
—
43
—
ns
Turn-off delay time
td(off)
—
44
—
ns
Fall time
tf
—
7.1
—
ns
VGS = 10 V, ID = 22.5 A,
VDD
≅ 10 V, RL = 0.44 Ω,
Rg = 4.7
Ω
Body–drain diode forward voltage
VDF
—
0.84
1.1
V
IF = 45 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
—
40
—
ns
IF = 45 A, VGS = 0,
diF/ dt = 100 A/
µs
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com