| Electronic Components Datasheet Search |
|
PIC16F690-I/SSQTP Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-I/SSQTP Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 14 © 2007 Microchip Technology Inc. TABLE 1-1: PINOUT DESCRIPTION – PIC16F631 Name Function Input Type Output Type Description RA0/C1IN+/ICSPDAT/ULPWU RA0 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. C1IN+ AN — Comparator C1 non-inverting input. ICSPDAT ST CMOS ICSP™ Data I/O. ULPWU AN — Ultra Low-Power Wake-up input. RA1/C12IN0-/ICSPCLK RA1 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. C12IN0- AN — Comparator C1 or C2 inverting input. ICSPCLK ST — ICSP™ clock. RA2/T0CKI/INT/C1OUT RA2 ST CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. T0CKI ST — Timer0 clock input. INT ST — External interrupt pin. C1OUT — CMOS Comparator C1 output. RA3/MCLR/VPP RA3 TTL — General purpose input. Individually controlled interrupt-on- change. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. RA4/T1G/OSC2/CLKOUT RA4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. T1G ST — Timer1 gate input. OSC2 — XTAL Crystal/Resonator. CLKOUT — CMOS FOSC/4 output. RA5/T1CKI/OSC1/CLKIN RA5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. T1CKI ST — Timer1 clock input. OSC1 XTAL — Crystal/Resonator. CLKIN ST — External clock input/RC oscillator connection. RB4 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. RB5 RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. RB6 RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. RB7 RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. RC0/C2IN+ RC0 ST CMOS General purpose I/O. C2IN+ AN — Comparator C2 non-inverting input. RC1/C12IN1- RC1 ST CMOS General purpose I/O. C12IN1- AN — Comparator C1 or C2 inverting input. RC2/C12IN2- RC2 ST CMOS General purpose I/O. C12IN2- AN — Comparator C1 or C2 inverting input. RC3/C12IN3- RC3 ST CMOS General purpose I/O. C12IN3- AN — Comparator C1 or C2 inverting input. RC4/C2OUT RC4 ST CMOS General purpose I/O. C2OUT — CMOS Comparator C2 output. RC5 RC5 ST CMOS General purpose I/O. Legend: AN = Analog input or output CMOS = CMOS compatible input or output TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |