Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/ML Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 64Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 65Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 66Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 67Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 68Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 69Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 70Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 71Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 66
© 2007 Microchip Technology Inc.
FIGURE 10-4:
ANALOG INPUT MODE
TABLE 10-1:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1NV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF TMR1IF
0000 -000
0000 -000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE TMR2IE TMR1IE 0000 -000 0000 -000
85h
TRISA
TRISA7 TRISA6
TRISA5 TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
Legend:
x
= Unknown, u = Unchanged, - = Unimplemented, read as ‘0’
VA
RS < 10 K
AIN
CPIN
5pF
VDD
VT = 0.6V
VT = 0.6V
RIC
ILEAKAGE
±500 nA
VSS
Legend: CPIN
=
Input Capacitance
VT
=
Threshold Voltage
ILEAKAGE =
Leakage Current at the Pin
RIC
=
Interconnect Resistance
RS
=
Source Impedance
VA
=
Analog Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com