Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/ML Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 110Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 111Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 112Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 113Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 114Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 115Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 116Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 117Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 112
© 2007 Microchip Technology Inc.
14.11 In-Circuit Serial Programming™
(ICSP™)
The PIC16F627A/628A/648A microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with two lines for clock and data,
and three other lines for power, ground and the
programming voltage. This allows customers to
manufacture boards with unprogrammed devices and
then program the microcontroller just before shipping
the product. This also allows the most recent firmware
or custom firmware to be programmed.
The device is placed into a Program/Verify mode by
holding the RB6 and RB7 pins low while raising the
MCLR (VPP) pin from VIL to VIHH. See “PIC16F627A/
628A/648A
EEPROM
Memory
Programming
Specification” (DS41196) for details. RB6 becomes the
programming clock and RB7 becomes the programming
data. Both RB6 and RB7 are Schmitt Trigger inputs in
this mode.
After Reset, to place the device into Programming/Verify
mode, the Program Counter (PC) is at location 00h. A
6-bit command is then supplied to the device. Depending
on the command, 14 bits of program data are then
supplied to or from the device, depending if the command
was a load or a read. For complete details of serial
programming, please refer to “PIC16F627A/628A/648A
EEPROM
Memory
Programming
Specification”
(DS41196).
A typical In-Circuit Serial Programming connection is
shown in Figure 14-18.
FIGURE 14-18:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
14.12 Low-Voltage Programming
The LVP bit of the Configuration Word, enables the low-
voltage
programming.
This
mode
allows
the
microcontroller to be programmed via ICSP using only
a 5V source. This mode removes the requirement of
VIHH to be placed on the MCLR pin. The LVP bit is
normally erased to ‘1’ which enables the low-voltage
programming. In this mode, the RB4/PGM pin is
dedicated to the programming function and ceases to
be a general purpose I/O pin. The device will enter
Programming mode when a ‘1’ is placed on the RB4/
PGM pin. The High-Voltage Programming mode is still
available by placing VIHH on the MCLR pin.
If Low-Voltage Programming mode is not used, the
LVP bit should be programmed to a ‘0’ so that RB4/
PGM becomes a digital I/O pin. To program the device,
VIHH must be placed onto MCLR during programming.
The LVP bit may only be programmed when program-
ming is entered with VIHH on MCLR. The LVP bit
cannot be programmed when programming is entered
with RB4/PGM.
It should be noted, that once the LVP bit is programmed
to ‘0’, only High-Voltage Programming mode can be
used to program the device.
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F627A/628A/648A
VDD
VSS
RA5/MCLR/VPP
RB6/PGC
RB7/PGD
+5V
0V
VPP
CLK
Data I/O
VDD
Note 1: While in this mode, the RB4 pin can no
longer be used as a general purpose I/O
pin.
2: VDD must be 5.0V +10% during erase
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com