Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/ML Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 140Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 141Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 142Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 143Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 144Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 145Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 146Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 147Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 142
© 2007 Microchip Technology Inc.
17.6
Timing Diagrams and Specifications
FIGURE 17-4:
EXTERNAL CLOCK TIMING
TABLE 17-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency(1)
DC
—
4
MHz XT and RC Osc mode,
VDD = 5.0 V
DC
—
20
MHz HS, EC Osc mode
DC
—
200
kHz
LP Osc mode
Oscillator Frequency(1)
—
—
4
MHz RC Osc mode, VDD = 5.0V
0.1
—
4
MHz XT Osc mode
1
—
—
—
20
200
MHz
kHz
HS Osc mode
LP Osc mode
—
4
—
MHz INTOSC mode (fast)
—
48
—
kHz
INTOSC mode (slow)
1TOSC
External CLKIN Period(1)
250
—
—
ns
XT and RC Osc mode
50
—
—
ns
HS, EC Osc mode
5—
—
μsLP Osc mode
Oscillator Period(1)
250
—
—
ns
RC Osc mode
250
—
10,000
ns
XT Osc mode
50
—
1,000
ns
HS Osc mode
5—
—
μsLP Osc mode
—
250
—
ns
INTOSC mode (fast)
—21
—
μs INTOSC mode (slow)
2TCY
Instruction Cycle Time
200
TCY
DC
ns
TCY = 4/FOSC
3TosL,
TosH
External CLKIN (OSC1) High
External CLKIN Low
100*
—
—
ns
XT oscillator, TOSC L/H duty
cycle
4
RC
External Biased RC
Frequency
10 kHz*
—
4 MHz
—
VDD = 5.0V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time-based period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator oper-
ation and/or higher than expected current consumption. All devices are tested to operate at “Min” values
with an external clock applied to the OSC1 pin. When an external clock input is used, the “Max” cycle time
limit is “DC” (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com