Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/PSQTP Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC12F609-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/PSQTP Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC12F609-E/PSQTP Datasheet HTML 59Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 60Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 61Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 62Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 63Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 64Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 65Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 66Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 61
PIC12F609/615/12HV609/615
FIGURE 8-6:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
VRR
8R
VR<3:0>(1)
Analog
8R
RR
RR
16 Stages
VDD
MUX
Fixed Voltage
CMVREN
CVREF(1)
Reference
EN
FVREN
Sleep
HFINTOSC enable
0.6V
FixedRef
To Comparators
and ADC Module
To Comparators
and ADC Module
Note 1:
Care should be taken to ensure CVREF remains within the comparator common mode input range. See
Section 15.0 “Electrical Specifications” for more detail.
15
0
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com