Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/PSQTP Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC12F609-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/PSQTP Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC12F609-E/PSQTP Datasheet HTML 98Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 99Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 100Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 101Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 102Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 103Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 104Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 100
Preliminary
© 2006 Microchip Technology Inc.
TABLE 11-4:
INITIALIZATION CONDITION FOR REGISTERS (PIC12F609/HV609)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h
0001 1xxx
000q quuu(4)
uuuq quuu
(4)
FSR
04h/84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
GPIO
05h
--x0 x000
--u0 u000
--uu uuuu
PCLATH
0Ah/8Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh
0000 0000
0000 0000
uuuu uuuu(2)
PIR1
0Ch
----- 0--0
---- 0--0
---- u--u(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 0000
uuuu uuuu
-uuu uuuu
VRCON
19h
0-00 0000
0-00 0000
u-uu uuuu
CMCON0
1Ah
0000 -0-0
0000 -0-0
uuuu -u-u
CMCON1
1Ch
---0 0-10
---0 0-10
---u u-qu
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
TRISIO
85h
--11 1111
--11 1111
--uu uuuu
PIE1
8Ch
----- 0--0
---- 0--0
---- u--u
PCON
8Eh
---- --0x
---- --uu(1, 5)
---- --uu
OSCTUNE
90h
---0 0000
---u uuuu
---u uuuu
WPU
95h
--11 -111
--11 -111
--uu -uuu
IOC
96h
--00 0000
--00 0000
--uu uuuu
ANSEL
9Fh
---- 1-11
---- 1-11
---- q-qq
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 11-6 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com