Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/PSQTP Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC12F609-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/PSQTP Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC12F609-E/PSQTP Datasheet HTML 133Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 134Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 135Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 136Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 137Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 138Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 139Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 140Page - Microchip Technology PIC12F609-E/PSQTP Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 135
PIC12F609/615/12HV609/615
15.6
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Typ
Units
Conditions
TH01
θJA
Thermal Resistance
Junction to Ambient
84.6*
C/W
8-pin PDIP package
163*
C/W
8-pin SOIC package
124*
C/W
8-pin TSSOP package
44*
C/W
8-pin DFN 4x4mm package
TH02
θJC
Thermal Resistance
Junction to Case
41.2*
C/W
8-pin PDIP package
38.8*
C/W
8-pin SOIC package
36.6*
C/W
8-pin TSSOP package
3.0*
C/W
8-pin DFN 3x3mm package
TH03
TDIE
Die Temperature
150*
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL
Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD
(NOTE 1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
Σ (IOL * VOL) + Σ (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TDIE - TA)/
θJA
(NOTE 2)
*
These parameters are characterized but not tested.
Note 1:
IDD is current to run the chip alone without driving any load on the output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com