Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/PSQTP Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC12F615-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PSQTP Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC12F615-E/PSQTP Datasheet HTML 104Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 107Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 108Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 109Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 110Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 111Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 106
Preliminary
© 2006 Microchip Technology Inc.
11.5
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W and STATUS
registers). This must be implemented in software.
Temporary
holding
registers
W_TEMP
and
STATUS_TEMP should be placed in the last 16 bytes
of GPR (see Figure 2-2). These 16 locations are
common to all banks and do not require banking. This
makes context save and restore operations simpler.
The code shown in Example 11-1 can be used to:
• Store the W register
• Store the STATUS register
• Execute the ISR code
• Restore the Status (and Bank Select Bit register)
• Restore the W register
EXAMPLE 11-1:
SAVING STATUS AND W REGISTERS IN RAM
11.6
Watchdog Timer (WDT)
The Watchdog Timer is a free running, on-chip RC
oscillator, which requires no external components. This
RC oscillator is separate from the external RC oscillator
of the CLKIN pin and INTOSC. That means that the
WDT will run, even if the clock on the OSC1 and OSC2
pins of the device has been stopped (for example, by
execution of a SLEEP instruction). During normal oper-
ation, a WDT time out generates a device Reset. If the
device is in Sleep mode, a WDT time out causes the
device to wake-up and continue with normal operation.
The WDT can be permanently disabled by program-
ming
the
Configuration
bit,
WDTE,
as
clear
(Section 11.1 “Configuration Bits”).
11.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no
prescaler).
The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see DC specs). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION register. Thus, time-out periods
up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the prescaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time out.
Note:
The PIC12F609/615/12HV609/615 does
not require saving the PCLATH. However,
if computed GOTOs are used in both the
ISR and the main code, the PCLATH must
be saved and restored in the ISR.
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS,W
;Swap status to be saved into W
;Swaps are used because they do not affect the status bits
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
:
:(ISR)
;Insert user code here
:
SWAPF
STATUS_TEMP,W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP,F
;Swap W_TEMP
SWAPF
W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com