Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/PSQTP Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC12F615-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PSQTP Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC12F615-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 107Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 108Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 109Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 110Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 111Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 112Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 107
PIC12F609/615/12HV609/615
11.6.2
WDT PROGRAMMING
CONSIDERATIONS
It should also be taken in account that under worst-
case conditions (i.e., VDD = Min., Temperature = Max.,
Max. WDT prescaler) it may take several seconds
before a WDT time out occurs.
FIGURE 11-2:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 11-9:
SUMMARY OF REGISTERS ASSOCIATED WITH WATCHDOG TIMER
TABLE 11-8:
WDT STATUS
Conditions
WDT
WDTE = 0
Cleared
CLRWDT
Command
Oscillator Fail Detected
Exit Sleep + System Clock = T1OSC, EXTRC, INTRC, EXTCLK
Exit Sleep + System Clock = XT, HS, LP
Cleared until the end of OST
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
OPTION_REG
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
CONFIG
IOSCFS
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
Legend:
Shaded cells are not used by the Watchdog Timer.
Note
1:
See Register 11-1 for operation of all Configuration Word register bits.
T0CKI
T0SE
pin
CLKOUT
TMR0
Watchdog
Timer
WDT
Time-Out
PS<2:0>
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
Note
1:
T0SE, T0CS, PSA, PS<2:0> are bits in the OPTION register.
0
1
0
1
0
1
SYNC 2
Cycles
8
8
8-bit
Prescaler
0
1
(= FOSC/4)
PSA
PSA
PSA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com