Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/PSQTP Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC12F615-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PSQTP Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC12F615-E/PSQTP Datasheet HTML 109Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 110Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 111Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 112Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 113Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 114Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 115Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 116Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 111
PIC12F609/615/12HV609/615
12.0
VOLTAGE REGULATOR
The
PIC12HV609/HV615
includes
a
permanent
internal 5 volt (nominal) shunt regulator in parallel with
the VDD pin. This eliminates the need for an external
voltage
regulator
in
systems
sourced
by
an
unregulated supply. All external devices connected
directly to the VDD pin will share the regulated supply
voltage and contribute to the total VDD supply current
(ILOAD).
12.1
Regulator Operation
A shunt regulator generates a specific supply voltage
by creating a voltage drop across a pass resistor RSER.
The voltage at the VDD pin of the microcontroller is
monitored and compared to an internal voltage refer-
ence. The current through the resistor is then adjusted,
based on the result of the comparison, to produce a
voltage drop equal to the difference between the supply
voltage VUNREG and the VDD of the microcontroller.
See Figure 12-1 for voltage regulator schematic.
FIGURE 12-1:
VOLTAGE REGULATOR
An external current limiting resistor, RSER, located
between the unregulated supply, VUNREG, and the VDD
pin, drops the difference in voltage between VUNREG
and VDD. RSER must be between RMAX and RMIN as
defined by Equation 12-1.
EQUATION 12-1:
RSER LIMITING RESISTOR
12.2
Regulator Considerations
The supply voltage VUNREG and load current are not
constant. Therefore, the current range of the regulator
is limited. Selecting a value for RSER must take these
three factors into consideration.
Since the regulator uses the band gap voltage as the
regulated voltage reference, this voltage reference is
permanently enabled in the PIC12HV609/HV615
device.
The shunt regulator will still consume current when
below operating voltage range for the shunt regulator.
12.3
Design Considerations
For more information on using the shunt regulator and
managing current load, see Application Note AN1035,
“Designing with HV Microcontrollers” (DS01035).
Feedback
VDD
VSS
CBYPASS
RSER
VUNREG
ISUPPLY
ISHUNT
ILOAD
Device
RMAX =
(VUMIN - 5V)
1.05 • (4 MA + ILOAD)
RMIN =
(VUMAX - 5V)
0.95 • (50 MA)
Where:
RMAX = maximum value of RSER (ohms)
RMIN
= minimum value of RSER (ohms)
VUMIN = minimum value of VUNREG
VUMAX = maximum value of VUNREG
VDD
= regulated voltage (5V nominal)
ILOAD = maximum expected load current in mA
including I/O pin currents and external
circuits connected to VDD.
1.05
= compensation for +5% tolerance of RSER
0.95
= compensation for -5% tolerance of RSER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com