Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F628A
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F628A Datasheet HTML 87Page - Microchip Technology PIC16F628A Datasheet HTML 88Page - Microchip Technology PIC16F628A Datasheet HTML 89Page - Microchip Technology PIC16F628A Datasheet HTML 90Page - Microchip Technology PIC16F628A Datasheet HTML 91Page - Microchip Technology PIC16F628A Datasheet HTML 92Page - Microchip Technology PIC16F628A Datasheet HTML 93Page - Microchip Technology PIC16F628A Datasheet HTML 94Page - Microchip Technology PIC16F628A Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 89
PIC16F627A/628A/648A
13.0
DATA EEPROM MEMORY
The EEPROM data memory is readable and writable
during normal operation (full VDD range). This memory
is not directly mapped in the register file space. Instead
it is indirectly addressed through the Special Function
Registers (SFRs). There are four SFRs used to read
and write this memory. These registers are:
• EECON1
• EECON2 (Not a physically implemented register)
• EEDATA
• EEADR
EEDATA holds the 8-bit data for read/write and EEADR
holds the address of the EEPROM location being
accessed. PIC16F627A/628A devices have 128 bytes
of data EEPROM with an address range from 0h to
7Fh. The PIC16F648A device has 256 bytes of data
EEPROM with an address range from 0h to FFh.
The EEPROM data memory allows byte read and write.
A byte write automatically erases the location and
writes the new data (erase before write). The EEPROM
data memory is rated for high erase/write cycles. The
write time is controlled by an on-chip timer. The write
time will vary with voltage and temperature, as well as
from chip-to-chip. Please refer to AC specifications for
exact limits.
When the device is code-protected, the CPU can
continue to read and write the data EEPROM memory. A
device programmer can no longer access this memory.
Additional information on the data EEPROM is
available in the PIC® Mid-Range Reference Manual
(DS33023).
REGISTER 13-1:
EEDATA – EEPROM DATA REGISTER (ADDRESS: 9Ah)
REGISTER 13-2:
EEADR – EEPROM ADDRESS REGISTER (ADDRESS: 9Bh)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
bit 7
bit 0
bit 7-0
EEDATn: Byte value to Write to or Read from data EEPROM memory location.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EADR7
EADR6
EADR5
EADR4
EADR3
EADR2
EADR1
EADR0
bit 7
bit 0
bit 7
PIC16F627A/628A
Unimplemented Address: Must be set to ‘0’
PIC16F648A
EEADR: Set to ‘1’ specifies top 128 locations (128-255) of EEPROM Read/Write Operation
bit 6-0
EEADR: Specifies one of 128 locations of EEPROM Read/Write Operation
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com