Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-I/MC Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F010-I/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MC Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F010-I/MC Datasheet HTML 65Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 66Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 67Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 68Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 69Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 70Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 71Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 72Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 67
PIC12F510/16F506
FIGURE 10-12:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 10-7:
SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
All Other
Resets
N/A
OPTION(1) GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
N/A
OPTION(2) RBWU
RBPU
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: Shaded boxes = Not used by Watchdog Timer. – = unimplemented, read as ‘0’, u = unchanged.
Note 1:
PIC12F510 only.
2:
PIC16F506 only.
(Figure 6-5)
Postscaler
Note
1:
T0CS, T0SE, PSA, PS<2:0> are bits in the OPTION register.
WDT Time-out
Watchdog
Timer
From Timer0 Clock Source
WDTE
PSA
Postscaler
8-to-1 MUX
PS<2:0>
(Figure 6-4)
To Timer0
0
1
M
U
X
1
0
PSA
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com