Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 202Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 203Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 204Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 205Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 206Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 207Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 208Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 209Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 204
Preliminary
© 2007 Microchip Technology Inc.
13.4.17
SSP MASK REGISTER
An SSP Mask (SSPMSK) register is available in I2C
Slave mode as a mask for the value held in the
SSPSR
register
during
an
address
comparison
operation. A zero (‘0’) bit in the SSPMSK register has
the effect of making the corresponding bit in the
SSPSR register a “don’t care”.
This register is reset to all ‘1’s upon any Reset
condition and, therefore, has no effect on standard
SSP operation until written with a mask value.
This register must be initiated prior to setting
SSPM<3:0> bits to select the I2C Slave mode (7-bit or
10-bit address).
This register can only be accessed when the appropriate
mode is selected by bits (SSPM<3:0> of SSPCON).
The SSP Mask register is active during:
• 7-bit Address mode: address compare of A<7:1>.
• 10-bit Address mode: address compare of A<7:0>
only. The SSP mask has no effect during the
reception of the first (high) byte of the address.
REGISTER 13-4:
SSPMSK: SSP MASK REGISTER(1)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
MSK<7:1>: Mask bits
1
= The received address bit n is compared to SSPADD<n> to detect I2C address match
0
= The received address bit n is not used to detect I2C address match
bit 0
MSK<0>: Mask bit for I2C Slave mode, 10-bit Address(2)
I2C Slave mode, 10-bit Address (SSPM<3:0> = 0111):
1
= The received address bit 0 is compared to SSPADD<0> to detect I2C address match
0
= The received address bit 0 is not used to detect I2C address match
Note 1: When SSPCON bits SSPM<3:0> = 1001, any reads or writes to the SSPADD SFR address are accessed
through the SSPMSK register.
2: In all other SSP modes, this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com