Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 38Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 39Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 40Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 41Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 42Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 43Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 44Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 45Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 40
Preliminary
© 2007 Microchip Technology Inc.
3.2
Additional Pin Functions
RA0 also has an Ultra Low-Power Wake-up option. The
next three sections describe these functions.
3.2.1
ANSEL REGISTER
The ANSEL register (Register 3-3) is used to configure
the Input mode of an I/O pin to analog. Setting the
appropriate ANSEL bit high will cause all digital reads
on the pin to be read as ‘0’ and allow analog functions
on the pin to operate correctly.
The state of the ANSEL bits has no affect on digital out-
put functions. A pin with TRIS clear and ANSEL set will
still operate as a digital output, but the Input mode will
be analog. This can cause unexpected behavior when
executing
read-modify-write
instructions
on
the
affected port.
REGISTER 3-3:
ANSEL: ANALOG SELECT REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>: Analog Select bits
Analog select between analog or digital function on pins AN<7:0>, respectively.
1
= Analog input. Pin is assigned as analog input(1).
0
= Digital I/O. Pin is assigned to port or special function.
Note 1:
Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups, and
interrupt-on-change if available. The corresponding TRIS bit must be set to Input mode in order to allow
external control of the voltage on the pin.
2:
Not implemented on PIC16F883/886.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com