Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-I/MS Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 47Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 48Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 49Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 50Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 51Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 52Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 53Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 54Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 49
PIC12F510/16F506
8.0
COMPARATOR VOLTAGE
REFERENCE MODULE
(PIC16F506 ONLY)
The Comparator Voltage Reference module also
allows the selection of an internally generated voltage
reference for one of the C2 comparator inputs. The
VRCON register (Register 8-1) controls the Voltage
Reference module shown in Figure 8-1.
8.1
Configuring The Voltage
Reference
The voltage reference can output 32 voltage levels; 16
in a high range and 16 in a low range.
Equation 8-1 determines the output voltages:
EQUATION 8-1:
8.2
Voltage Reference Accuracy/Error
The full range of VSS to VDD cannot be realized due to
construction of the module. The transistors on the top
and bottom of the resistor ladder network (Figure 8-1)
keep CVREF from approaching VSS or VDD. The excep-
tion is when the module is disabled by clearing the
VREN bit (VRCON<7>). When disabled, the reference
voltage is VSS when VR<3:0> is ‘0000’ and the VRR
(VRCON<5>) bit is set. This allows the comparator to
detect a zero-crossing and not consume the CVREF
module current.
The voltage reference is VDD derived and, therefore,
the CVREF output changes with fluctuations in VDD. The
tested absolute accuracy of the comparator voltage ref-
erence can be found in Section 13.2 “DC Character-
istics: PIC12F510/16F506 (Extended)”.
VRR = 1 (low range): CVREF = (VR<3:0>/24) x VDD
VRR = 0 (high range):
CVREF = (VDD/4) + (VR<3:0> x VDD/32)
REGISTER 8-1:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER (PIC16F506 ONLY)
R/W-0
R/W-0
R/W-1
U-0
R/W-1
R/W-1
R/W-1
R/W-1
VREN
VROE
VRR
—VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VREN: CVREF Enable bit
1
= CVREF is powered on
0
= CVREF is powered down, no current is drawn
bit 6
VROE: CVREF Output Enable bit(1)
1
= CVREF output is enabled
0
= CVREF output is disabled
bit 5
VRR: CVREF Range Selection bit
1
= Low range
0
= High range
bit 4
Unimplemented: Read as ‘0’
bit 3-0
VR<3:0> CVREF Value Selection bit
When VRR = 1: CVREF= (VR<3:0>/24)*VDD
When VRR = 0: CVREF= VDD/4+(VR<3:0>/32)*VDD
Note 1: When this bit is set, the TRIS for the CVREF pin is overridden and the analog voltage is placed on the
CVREF pin.
2: CVREF controls for ratio metric reference applies to Comparator 2 on the PIC12F506 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com