Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 195Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 196Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 197Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 198Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 199Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 200Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 201Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 202Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 197
PIC16F882/883/884/886/887
13.4.10
ACKNOWLEDGE SEQUENCE TIMING
An Acknowledge sequence is enabled by setting the
Acknowledge Sequence Enable bit, ACKEN (SSPCON2
register). When this bit is set, the SCL pin is pulled low
and the contents of the Acknowledge Data bit (ACKDT)
is presented on the SDA pin. If the user wishes to gener-
ate an Acknowledge, then the ACKDT bit should be
cleared. If not, the user should set the ACKDT bit before
starting an Acknowledge sequence. The Baud Rate
Generator then counts for one rollover period (TBRG) and
the SCL pin is de-asserted (pulled high). When the SCL
pin is sampled high (clock arbitration), the Baud Rate
Generator counts for TBRG. The SCL pin is then pulled
low. Following this, the ACKEN bit is automatically
cleared, the Baud Rate Generator is turned off and the
MSSP module then goes into Idle mode (Figure 13-17).
13.4.10.1
WCOL Status Flag
If the user writes the SSPBUF when an Acknowledge
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
13.4.11
STOP CONDITION TIMING
A Stop bit is asserted on the SDA pin at the end of a
receive/transmit by setting the Stop Sequence Enable
bit, PEN (SSPCON2 register). At the end of a
receive/transmit, the SCL line is held low after the fall-
ing edge of the ninth clock. When the PEN bit is set, the
master will assert the SDA line low. When the SDA line
is sampled low, the Baud Rate Generator is reloaded
and counts down to 0. When the Baud Rate Generator
times out, the SCL pin will be brought high, and one
TBRG (Baud Rate Generator rollover count) later, the
SDA pin will be de-asserted. When the SDA pin is sam-
pled high while SCL is high, the P bit (SSPSTAT regis-
ter) is set. A TBRG later, the PEN bit is cleared and the
SSPIF bit is set (Figure 13-18).
13.4.11.1
WCOL Status Flag
If the user writes the SSPBUF when a Stop sequence
is in progress, then the WCOL bit is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 13-17:
ACKNOWLEDGE SEQUENCE WAVEFORM
Note: TBRG = one Baud Rate Generator period.
SDA
SCL
Set SSPIF at the end
Acknowledge sequence starts here,
Write to SSPCON2
ACKEN automatically cleared
Cleared in
TBRG
TBRG
of receive
ACK
8
ACKEN = 1, ACKDT = 0
D0
9
SSPIF
software
Set SSPIF at the end
of Acknowledge sequence
Cleared in
software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com