Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 56Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 57Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 58Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 59Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 60Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 61Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 62Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 63Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 58
Preliminary
© 2007 Microchip Technology Inc.
3.6.1
RD<4:0>
Figure 3-19 shows the diagram for these pins. These
pins are configured to function as general purpose
I/O’s.
FIGURE 3-19:
BLOCK DIAGRAM OF
RD<4:0>
3.6.2
RD5/P1B(1)
Figure 3-20 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a PWM output
3.6.3
RD6/P1C(1)
Figure 3-20 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a PWM output
3.6.4
RD7/P1D(1)
Figure 3-20 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a PWM output
FIGURE 3-20:
BLOCK DIAGRAM OF
RD<7:5>
TABLE 3-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Note:
RD<4:0> is available on PIC16F884/887
only.
Note 1: RD5/P1B is available on PIC16F884/887
only. See RB2/
AN8/P1B for this function
on PIC16F882/883/886.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTD
WR
TRISD
RD
TRISD
RD
PORTD
I/O Pin
Note 1: RD6/P1C is available on PIC16F884/887
only. See RB1/AN10/P1C/C12IN3- for
this function on PIC16F882/883/886.
Note 1: RD7/P1D is available on PIC16F884/887
only. See RB4/AN11/P1D for this function
on PIC16F882/883/886.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTD
WR
TRISD
RD
TRISD
RD
PORTD
CCP1
PSTRCON
0
1
1
0
I/O Pin
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
PSTRCON
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
---0 0001
---0 0001
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com