Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 143Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 144Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 145Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 146Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 147Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 148Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 149Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 150Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 145
PIC16F882/883/884/886/887
11.6.7
PULSE STEERING MODE
In Single Output mode, pulse steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCP1M<3:2> = 11
and
P1M<1:0> = 00
of
the
CCP1CON register), the user firmware can bring out
the same PWM signal to one, two, three or four output
pins by setting the appropriate STR<D:A> bits of the
PSTRCON register, as shown in Table 11-5.
While the PWM Steering mode is active, CCP1M<1:0>
bits of the CCP1CON register select the PWM output
polarity for the P1<D:A> pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 11.6.4
“Enhanced
PWM
Auto-shutdown
mode”.
An
auto-shutdown event will only affect pins that have
PWM outputs enabled.
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
REGISTER 11-5:
PSTRCON: PULSE STEERING CONTROL REGISTER(1)
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4
STRSYNC: Steering Sync bit
1
= Output steering update occurs on next PWM period
0
= Output steering update occurs at the beginning of the instruction cycle boundary
bit 3
STRD: Steering Enable bit D
1
= P1D pin has the PWM waveform with polarity control from CCPxM<1:0>
0
= P1D pin is assigned to port pin
bit 2
STRC: Steering Enable bit C
1
= P1C pin has the PWM waveform with polarity control from CCPxM<1:0>
0
= P1C pin is assigned to port pin
bit 1
STRB: Steering Enable bit B
1
= P1B pin has the PWM waveform with polarity control from CCPxM<1:0>
0 = P1B pin is assigned to port pin
bit 0
STRA: Steering Enable bit A
1
= P1A pin has the PWM waveform with polarity control from CCPxM<1:0>
0
= P1A pin is assigned to port pin
Note 1:
The PWM Steering mode is available only when the CCP1CON register bits CCP1M<3:2> = 11 and
P1M<1:0> = 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com