Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDG-GJS-L2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDG-GJS-L2
Description  LED GaP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDG-GJS-L2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDG-GJS-L2 Datasheet HTML 1Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 2Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 3Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 4Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 5Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 6Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 7Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DOMINANT Semiconductors
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 3 of 3
Characteristics.
Forward voltage
@ If=10 mA.
Chip Type
Viewing angle
at 50% Iv
Max reverse current, IR
@ VR = 5V.
2.05 V (typ.); 2.45 V (max)
GaP
120
°
100
μA
All forward voltages are measured using a current pulse of 1 ms and has an accuracy of
±0.1 V.
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
DDR; Red
Full
620 – 635
DDO; Orange
Full
W
X
Y
Z
600 – 612
600 - 603
603 - 606
606 - 609
609 - 612
DDY; Yellow
Full
W
X
Y
Z
582 – 594
582 – 585
585 – 588
588 - 591
591 - 594
DDG; Green
Full
W
X
Y
Z
564.5 – 576.5
564.5 – 567.5
567.5 – 570.5
570.5 – 573.5
573.5 – 576.5
DDP; Pure Green
Full
W
X
Y
Z
552.5 – 564.5
552.5 – 555.5
555.5 – 558.5
558.5 – 561.5
561.5 – 564.5
Dominant wavelength is measured with an accuracy of
±1 nm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com